Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY133 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BY133
Description  GENERAL PURPOSE PLASTIC SILICON RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BY133 Datasheet(HTML) 1 Page - Continental Device India Limited

  BY133 Datasheet HTML 1Page - Continental Device India Limited BY133 Datasheet HTML 2Page - Continental Device India Limited BY133 Datasheet HTML 3Page - Continental Device India Limited BY133 Datasheet HTML 4Page - Continental Device India Limited BY133 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
BY133
DO-41P
Axial Plastic Package
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at Ta = 25
oC unless specified otherwise, single phase, half wave, 60Hz, resistive
or inductive load. For capacitive load, derate current by 20%)
Symbols
Units
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
VF
V
IR
µA
Cj
pF
ROJA
ºC/W
Tstg
ºC
NOTES:
1- Measured at 1 MH
Z and applied reverse voltage of 4.0 V
DC.
2- Thermal resistance from Junction to Ambient 0.375" (9.5mm) lead length PCB Mounted
BY133Rev250806D
BY133
1300
910
1300
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Recurrent Peak Reverse Voltage
Description
Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Maximum Average Forward Rectified Current 0.375" (9.5mm) Lead
Length at TA=75ºC
30
1.0
Maximum Reverse Current at Rated DC Blocking Voltage TA=25°C
TA=100ºC
Maximum Forward Voltage at 1.0A and 25ºC
5.0
200
1.1
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 1)
50
15
Operating and Storage Temperature Range
-55 to +150
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BY133

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
1.0A SILICON RECTIFIER
logo
Jinan Gude Electronic D...
BY133 JGD-BY133 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
Bytes
BY133 BYTES-BY133 Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
BY133 CHENYI-BY133 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - BY133

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N5391 SEMTECH_ELEC-1N5391 Datasheet
236Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Continental Device Indi...
RL201 CDIL-RL201 Datasheet
245Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
8A05 KOOCHIN-8A05 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
1N4001 KOOCHIN-1N4001 Datasheet
271Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL101 KOOCHIN-RL101 Datasheet
270Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
10A05 KOOCHIN-10A05 Datasheet
344Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
1N540X HORNBY-1N540X Datasheet
234Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
6AX HORNBY-6AX Datasheet
251Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
10AX HORNBY-10AX Datasheet
233Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL10X HORNBY-RL10X Datasheet
234Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com