Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA41 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BTA41
Description  Triac Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BTA41 Datasheet(HTML) 1 Page - Continental Device India Limited

  BTA41 Datasheet HTML 1Page - Continental Device India Limited BTA41 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BTA41
TOP 3
Triac Series
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Test condition
peak repetitive off-stage voltage
VDRM, VRRM
BTA41-600
600
V
ID=0.1mA, IR=0.1mA
BTA41-800
800
V
ID=0.1mA, IR=0.1mA
on-state RMS current
IT(RMS)
40
A
all conduction angles
NON repetitive surge peak on-state current
ITSM
400
A
Tp=10ms, Tj=25 ºC
critical rate of rise on-state current
dI/dt
50
A/
µs
ITM=20A, IG=50mA
peak gate current
IGM
8
A
tp=20
µs
average gate power dissipation
PG(AV)
1
W
storage temperature range
Tstg
-40 to +150
oC
operating junction temperature range
Tj
125
oC
Electrical characteristics ( Tj=25ºC) unless otherwise specified
Parameter
Symbol
Value
Unit
Test condition
gate trigger current
IGT
<50
mA
T2+G+
VD=12V, IT=0.1A
<50
mA
T2+G-
VD=12V, IT=0.1A
<50
mA
T2-G-
VD=12V, IT=0.1A
<100
mA
T2-G+
VD=12V, IT=0.1A
gate trigger voltage
VGT
<1.30
V
VD=12V, IT=0.1A
hold current
IH
<50
mA
VD=12V, IT=0.1A
critical rate of rise off-state voltage
dv/dt
>200
V/
µs
VD=67%VDRM
on-state voltage
VTM
<1.55
V
IT=60A
off-state leakage current
IDRM
<3.00
mA
VD=VDRM; Tj=125
oC
Rth (j-a)
50
Rth (j-c)
<0.60
BTA41Rev_1 270310E
Disclaimer
thermal resistance
oC/W
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your
requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application.
The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for
inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does
it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL
customers selling these products (either as individual
Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not
be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112
Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of 2


Similar Part No. - BTA41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA41 STMICROELECTRONICS-BTA41 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
logo
Sirectifier Semiconduct...
BTA41 SIRECTIFIER-BTA41 Datasheet
163Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA41 SIRECT-BTA41 Datasheet
306Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA41 STMICROELECTRONICS-BTA41 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Inchange Semiconductor ...
BTA41 ISC-BTA41 Datasheet
119Kb / 1P
isc Triacs
More results

Similar Description - BTA41

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BTA26 CDIL-BTA26 Datasheet
127Kb / 2P
Triac Series
BTA24 CDIL-BTA24 Datasheet
130Kb / 2P
Triac Series
BTA20 CDIL-BTA20 Datasheet
74Kb / 2P
Triac Series
BTA16 CDIL-BTA16 Datasheet
74Kb / 2P
Triac Series
BTA12 CDIL-BTA12 Datasheet
74Kb / 2P
Triac Series
BTA08 CDIL-BTA08 Datasheet
74Kb / 2P
Triac Series
BTA06 CDIL-BTA06 Datasheet
76Kb / 2P
Triac Series
BTA04 CDIL-BTA04 Datasheet
77Kb / 2P
Triac Series
BT136 CDIL-BT136 Datasheet
73Kb / 2P
Triac Series
BT134 CDIL-BT134 Datasheet
72Kb / 2P
Triac Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com