Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151F Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BT151F
Description  Thyristor Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BT151F Datasheet(HTML) 1 Page - Continental Device India Limited

  BT151F Datasheet HTML 1Page - Continental Device India Limited BT151F Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BT151F-6
00
TO-220F
Thyristor Series
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Test condition
peak repetitive off-stage voltage
VDRM, VRRM
>600
V
on-state RMS current
IT(RMS)
12
A
Tc=105
oC
average on-state current
IT(AV)
8
A
Tc=105
oC
NON repetitive surge peak on-state current
ITSM
140
A
Tp=10ms, Tj=25
oC
critical rate of rise on-state current
dI/dt
50
A/
µs
F=60HZ
peak gate current
IGM
4
A
tp=20
µs
average gate power dissipation
PG(AV)
1
W
storage temperature range
Tstg
- 40 to +150
oC
operating junction temperature range
Tj
125
oC
Electrical characteristics ( Tj=25ºC) unless otherwise specified
Parameter
Symbol
Value
Unit
Test condition
gate trigger current
IGT
2-15
mA
VD=12V, RL=33Ω
gate trigger voltage
VGT
<1.3
V
VD=12V, RL=33Ω
hold current
IH
<30
mA
IT=500mA
critical rate of rise off-state voltage
dv/dt
>50
V/
µ s
VD=67%VDRM
on-state voltage
VTM
<1.6
V
ITM=24A, tp =380µs
off-state leakage current
IDRM, IRRM
<5.0
mA
VD=VDRM; VR=VRRM; Tj=25
oC
Rth(j-a)
60
Rth(j-c)
<1.3
BT151F- 600 Rev170510E
Disclaimer
thermal resistance
oC/W
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your
product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality
parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL
however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of
the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in
their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112
Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of 2


Similar Part No. - BT151F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151F PHILIPS-BT151F Datasheet
45Kb / 6P
Thyristors
February 1996 Rev 1.100
logo
DIYI Electronic Technol...
BT151F-400R DYELEC-BT151F-400R Datasheet
2Mb / 5P
Typical applications include motor control
logo
NXP Semiconductors
BT151F-500 PHILIPS-BT151F-500 Datasheet
45Kb / 6P
Thyristors
February 1996 Rev 1.100
logo
SemiWell Semiconductor
BT151F-600 SEMIWELL-BT151F-600 Datasheet
674Kb / 5P
Silicon Controlled Rectifiers
logo
NXP Semiconductors
BT151F-650 PHILIPS-BT151F-650 Datasheet
45Kb / 6P
Thyristors
February 1996 Rev 1.100
More results

Similar Description - BT151F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
logo
First Components Intern...
TSP064ALL FCI-TSP064ALL Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Continental Device Indi...
CDR05 CDIL-CDR05 Datasheet
159Kb / 4P
Thyristor Series
CDR02 CDIL-CDR02 Datasheet
128Kb / 2P
Thyristor Series
BT151-800 CDIL-BT151-800 Datasheet
76Kb / 2P
Thyristor Series
BT151-650 CDIL-BT151-650 Datasheet
76Kb / 2P
Thyristor Series
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com