Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PK2001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4PK2001
Description  2000 Volt & 3000 Volt PIN Diodes MA4PK200X & MA4PK300X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PK2001 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4PK2001 Datasheet HTML 1Page - Tyco Electronics MA4PK2001 Datasheet HTML 2Page - Tyco Electronics MA4PK2001 Datasheet HTML 3Page - Tyco Electronics MA4PK2001 Datasheet HTML 4Page - Tyco Electronics MA4PK2001 Datasheet HTML 5Page - Tyco Electronics MA4PK2001 Datasheet HTML 6Page - Tyco Electronics MA4PK2001 Datasheet HTML 7Page - Tyco Electronics MA4PK2001 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Volt & 3000 Volt PIN Diodes
MA4PK200X & MA4PK300X
V10
KILOVOLT™ Series
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION @ TCASE = 25°C
Operating and Storage Temp.
-65°C to +175°C
MA4PK2001
MA4PK2002
50 Watts
Installation Temperature
250°C/30 Seconds
MA4PK2003
MA4PK2004
37.5 Watts
Instantaneous Reverse Voltage
Voltage Rating
MA4PK3001
MA4PK3002
75 Watts
Forward Current (RF and DC)
25 Amperes
MA4PK3003
MA4PK3004
50 Watts
ESD
Class 1C, HBM
Electrical Specifications
1 @ T
A = 25°C
PARAMETER
CONDITION
MA4PK2000 Series
MA4PK3000 Series
Reverse Voltage (Max)
VR
10 μA
2000 Volts
3000 Volts
Series Resistance (Max)
RS
F = 4 MHz, I = 0.5 A
0.20 Ω
0.25 Ω
Series Resistance (Typ.)
RS
F = 1.0 -100 MHz, I = 0.5 A
0.10 Ω
0.15 Ω
Total Capacitance (Max)
CT
F = 1 MHz, V = 100 V
3.2 pF
4.0 pF
Parallel Resistance (Typ.)
RP
F =100 MHz, V = 0 V
5K Ω
10K Ω
Carrier Lifetime (Min)
TL
IF = 10 mA
30 μs
65 μs
Forward Voltage (Max)
VF
IF = 1 A
1.2 V
1.2 V
Thermal Resistance (Max)
Ø
3°C/W (Stud)
4°C/W (Ins Stud)
2°C/W (Stud)
3°C/W (Ins Stud)
I-Region Width (Nom)
200 μm
325 μm
1. Specifications Subject to Change Without Notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com