Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMC-A430 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A430
Description  Surface Mount LED Indicator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A430 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-A430 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
The new Avago Technologies Power PLCC-4 SMT LED with
30° Lens will carry the part number HSMx- A43xxxxxx. The
high brightness AlInGaP and InGaN dice technologies
utilized will provide the product brightness that meets
the Automotive and ESS markets requirements. The Lens
package will complement and complete the existing AlIn-
Gap & InGaN color standard Power-PLCC-4 LED that Ava-
go Technologies offers, providing customers an extra Lens
option from one supplier.
To facilitate easy pick and place assembly, the LEDs are
packed in EIA-compliant tape and reel. Every reel will be
shipped in single intensity and color bin (except for red
color), to provide close uniformity
Package Dimensions
Note: All dimensions in mm
Electrical connection between all cathodes is recommended
2.8 ± 0.2
2.2 ± 0.2
0.7 ± 0.1
3.5 ± 0.2
0.8 ± 0.3
0.5 ± 0.1
0.80 ± 0.1
0.1 TYP.
3.87 max.
Package marking
3.2 ± 0.2
-ve
-ve
+ve
-ve



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com