Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH2731-5M Datasheet(PDF) 2 Page - Tyco Electronics

Part # PH2731-5M
Description  Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH2731-5M Datasheet(HTML) 2 Page - Tyco Electronics

  PH2731-5M Datasheet HTML 1Page - Tyco Electronics PH2731-5M Datasheet HTML 2Page - Tyco Electronics PH2731-5M Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radar Pulsed Power Transistor
5W, 2.7-3.1 GHz, 100µs Pulse, 10% Duty
M/A-COM Products
Released, 29 Jun 07
PH2731-5M
2
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
2.7
40 - j12
25 + j3.5
2.9
35 - j16
16 + j2.4
3.1
30 - j18
12 + j4.0
RF Test Fixture Impedance
Gain vs. Frequency
Collector Efficiency vs. Frequency
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(3:1)
2.7
1.0
5.6
7.47
0.48
32.6
-12.8
S
P
2.9
1.0
6.1
7.83
0.50
33.5
-16.7
S
P
3.1
1.0
6.2
7.89
0.51
33.8
-20.5
S
P
7.0
7.4
7.8
8.2
8.6
2.7
2.8
2.9
3.0
3.1
Fre q (GHz)
30
33
36
39
42
2.7
2.8
2.9
3.0
3.1
Fre q (GHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com