Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2001 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # GP2001
Description  RF POWER GAN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

GP2001 Datasheet(HTML) 1 Page - Polyfet RF Devices

  GP2001 Datasheet HTML 1Page - Polyfet RF Devices GP2001 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11
Single Ended
GP
4.20 C/W
125
65
40
125
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
V
Load Mismatch Tolerance
VSWR
Relative
0.13
7.50
Ids =
mA, Vgs = -8V
Idq =
A, Vds =
V, F =
0.13
Bvdss
Drain Breakdown Voltage
V
Idq =
Idq = 0.13
2,000
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
2,000
2,000
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
20.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
MHz
MHz
MHz
Watts
Package Style
20.0
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
Vds =
dB
%
o
o
o
o
o
RF POWER GAN TRANSISTOR
REVISION 09/09/2013
2
25 C )
WATTS OUTPUT )
200
polyfet rf devices
GP2001
10:1
ROHS COMPLIANT
V
-10
to +
Polyfet's GAN (on SiC) HEMT
power transistors contain no
internal matching; making them
suitable for both broadband and
narrow band applications.
The use of a thermally enhanced
package enables this device to
have superior heat dissipation
properties. The high drain break
down voltage permits this device
to operate over a wide voltage
range.
4.0
0.56
7.2
2.0
V,
Vgs = -8V
Ciss
Crss
Coss
Vds =
Idss
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Common Source Input Capacitance
Vgs
Zero Bias Drain Current
Gate Bias for Drain Current
V
28.0
Vds =
Vgs =-8V, F = 1 MHz
28.0
Vds =
Vgs =-8V, F = 1 MHz
28.0
Vds =
Vgs =-8V, F = 1 MHz
28.0
-2.3
0.13A
7.20
Idsat
Saturation Current
Amp
Vgs = +2V, Vds = 10V
Ids =
28.0 V
Suitable for use across 1-3000Mhz


Similar Part No. - GP2001

ManufacturerPart #DatasheetDescription
logo
Power-One
GP2001-7R POWER-ONE-GP2001-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
More results

Similar Description - GP2001

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
GP1001 POLYFET-GP1001 Datasheet
92Kb / 2P
RF POWER GAN TRANSISTOR
GX3442 POLYFET-GX3442 Datasheet
59Kb / 2P
RF POWER GAN TRANSISTOR
GX4001 POLYFET-GX4001 Datasheet
59Kb / 2P
RF POWER GAN TRANSISTOR
GX4442 POLYFET-GX4442 Datasheet
68Kb / 2P
RF POWER GAN TRANSISTOR
G22001 POLYFET-G22001 Datasheet
47Kb / 2P
RF POWER GAN TRANSISTOR
GP1441 POLYFET-GP1441 Datasheet
74Kb / 2P
RF POWER GAN TRANSISTOR
GX4002 POLYFET-GX4002 Datasheet
70Kb / 2P
RF POWER GAN TRANSISTOR
logo
NXP Semiconductors
A2G35S200-01S NXP-A2G35S200-01S Datasheet
344Kb / 10P
RF Power GaN Transistor
Rev. 0, 5/2016
A3G35H100-04S NXP-A3G35H100-04S Datasheet
359Kb / 10P
RF Power GaN Transistor
Rev. 0, 05/2018
MMRF5017HS NXP-MMRF5017HS Datasheet
177Kb / 10P
RF Power GaN Transistor
Rev. 0, 06/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com