Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP601 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # LP601
Description  RF POWER LDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LP601 Datasheet(HTML) 2 Page - Polyfet RF Devices

  LP601_14 Datasheet HTML 1Page - Polyfet RF Devices LP601_14 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L6B 1 DIE ID & GM Vs VG
0.01
0.10
1.00
10.00
02468
10
12
14
16
18
Vgs in Volts
Id
gM
L6B 1 DICE CAPACITANCE
0.1
1
10
100
0
4
8
12
16
20
24
28
VDS IN VOLTS
Coss
Ciss
Crss
LP 601 P out/G ain vs P in F req= 1 .5 G H z ,
V ds= 2 8 V dc, I dq= .4 A
0
2
4
6
8
10
00.2
0.4
0.6
0.81
P in in W a tts
9
10
10
11
11
12
12
13
13
Pout
Gain
E fficiency @ 10 watts = 35%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
LP601
L6B 1 DIE IV
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
VDS IN VOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
0
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 08/05/2010
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com