Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR13 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BSR13
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSR13 Datasheet(HTML) 2 Page - Continental Device India Limited

  BSR13 Datasheet HTML 1Page - Continental Device India Limited BSR13 Datasheet HTML 2Page - Continental Device India Limited BSR13 Datasheet HTML 3Page - Continental Device India Limited BSR13 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATlNGS (at TA = 25°C unless otherwise specified)
Limiting values
BSR13
BSR14
Collector–base voltage (open emitter)
VCB0
max.
60
75 V
Collector–emitter voltage (open base)
VCE0
max.
30
40 V
Emitter–base voltage (open collector)
VEB0
max.
5
6 V
Collector current (d.c.)
IC
max.
800
mA
Total power dissipation
up to Tamb = 25 °C
Ptot
max.
250
mW
Storage temperature
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a =
500
K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Collector cut–off current
BSR13
BSR14
IE = 0; VCB = 50 V
ICB0
<30
– nA
IE = 0; VCB = 60 V
ICB0
<–
10 nA
IE = 0; VCB = 50V; Tj = 150°C
ICB0
<10
–
µA
IE = 0; VCB = 60V; Tj = 150°C
ICB0
<–
10
µ A
VEB = 3 V; VCE = 60 V
ICEX
<–
10 nA
Base current
with reverse biased emitter junction
VEB = 3 V; VCE = 60 V
IBEX
<–
20 nA
Emitter cut–off current
IC = 0; VEB = 3 V
IEB0
<30
15 nA
Saturation voltages
IC = 150 mA; IB: 15 mA
VCEsat <
400
300 mV
VBEsat <
1.3
– V
VBEsat
–
0,6 to 1,2 V
IC = 500 mA; lB = 50 mA
VCEsat <
1.6
1.0 V
VBEsat <
2.6
2.0 V
D.C. current gain
IC = 0,1 mA; VCE = 10 V
hFE
>35
IC = 1 mA; VCE = 10 V
hFE
>50
IC = 10 mA; VCE = 10 V
hFE
>75
IC = 150 mA; VCE = 10 V
hFE
100 to 300
IC = 150 mA; VCE = 1 V
hFE
>50
IC = 500 mA; VCE = 10 VBSR13; R
hFE
>30
IC = 500mA; VCE = 10V BSR14; R
hFE
>40
Transition frequency at f = 100 MHz
IC = 20 mA; VCE = 20 V BSR13; R
fT
>
250 MHz
IC: 20 mA; VCE = 20 V
BSR14; R
fT
>
300 MHz
Collector capacitance at f = 1 MHz
IE = Ie = 0; VCB = 10 V
Cc
<
8 pF
Small signal current gain
IC = 1 mA; VCE = 10 V; f = 1 KHz; BSR14 hfe
50 to 300
IC = 10 mA; VCE = 10 V; f = 1 KHz; BSR13 hfe
75 to 375
BSR13
BSR14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com