Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF821 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BF821
Description  SILICON EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF821 Datasheet(HTML) 2 Page - Continental Device India Limited

  BF821 Datasheet HTML 1Page - Continental Device India Limited BF821 Datasheet HTML 2Page - Continental Device India Limited BF821 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
BF821
BF823
Collector–base voltage (open emitter)
–VCB0 max. 300
250 V
Collector–emitter voltage (open base)
–VCE0 max. —
250 V
Collector–emitter voltage (RBE = 2,7 kW )–VCER max. 300
— V
Emitter–base voltage (open collector)
–VEB0 max.
5
V
Collector current (d.c.)
–I C
max.
50
mA
Collector current (peak value)
–ICM max.
100
mA
Total power dissipation
up to Tamb = 25 °C
Ptot
max.
250
mW
Storage temperature
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a =
500
K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
BF821
BF823
Collector cut–off current
IE = 0; –VCB = 200V
–ICB0 <10
10 nA
Collector–emitter voltage
RBE = 2,7 kW ; VCE = 250 V
–ICER <50
50 nA
RBE = 2,7kW ; VCE = 200V; Tj = 150°C
–ICER <10
10 mA
Saturation voltage
–IC = 30 mA; –lB = 5 mA
–VCEsat<
0,8
V
D.C. current gain
IC = 25 mA; –VCE = 20 V
hFE
>50
Transition frequency at f = 35 MHz
–IC = 10 mA; —VCE = 10 V
fT
>60
MHz
Feedback capacitance at f = 1 MHz
IC = 0; –VCE = 30 V
Cre
<
1,6
pF
BF821
BF823



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com