Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF458 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BF458
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF458 Datasheet(HTML) 2 Page - Continental Device India Limited

  BF458 Datasheet HTML 1Page - Continental Device India Limited BF458 Datasheet HTML 2Page - Continental Device India Limited BF458 Datasheet HTML 3Page - Continental Device India Limited BF458 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN PLASTIC POWER TRANSISTORS
BF457, 458, 459
TO126
Plastic Package
DESCRIPTION
SYMBOL
457
458
459
UNITS
Saturation Voltage
VCE(sat)
IC=30A,IB=6mA
<1.0
V
DC Current Gain
hFE
IC=30mA,VCE=10V
>25
Output capacitance at f=1MHz
CO
IE=0,VCB=30V
Typ
5.5
pF
Transition Frequency f =20 MHz
fT
IC=15mA, VCE=10V
Typ
90
MHz
Feedback Capacitance f=1MHz
Cre
IC=1mA, VCE=30V
Typ
4.2
pF
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com