Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF459 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF459
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF459 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF459 Datasheet HTML 1Page - Continental Device India Limited BF459 Datasheet HTML 2Page - Continental Device India Limited BF459 Datasheet HTML 3Page - Continental Device India Limited BF459 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER TRANSISTORS
BF457, 458, 459
TO126
Plastic Package
Video Output Stages of TV Sets , for AF Output Stages with a High Operating
Voltage and as Driver Transistors in Horizontal Deflection Circuit Aplications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
457
458
459
UNITS
Collector Base Voltage(open emitter)
VCBO
>160
>250
>300
V
Collector Emitter Voltage (open base)
VCEO
>160
>250
>300
V
Emitter Base Voltage(open collector)
VEBO
>5.0
V
Collector Current
IC
<100
mA
Collector current (Peak Value)
ICM
<300
mA
Base Current
IB
<50
mA
Total Power Dissipation@ Tc=45°C
Ptot
<10
W
Total Power Dissipation@ Ta=25°C
Ptot
<1.2
W
Junction Temperature
Tj
<150
°C
Storage Temperature
Tstg
-65 to +150
°C
THERMAL RESISTANCE
From Junction to case
Rth(j-c)
10
K/W
From Junction to ambient
Rth(j-a)
104
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
457
458
459
UNITS
Collector-Cut off Current
ICBO
IE =0, VCB =100V
<50
nA
ICBO
IE =0, VCB =200V
<50
nA
IE =0, VCB =250V
<50
nA
Emitter cut off Current
IEBO
VEB =3V, IC =0
<50
nA
Breakdown Voltages
VCEO
IC =10mA, IB =0
>160
>250
>300
V
VCBO
IC =100uA, IE =0
>160
>250
>300
V
VEBO
IC =0, IE =1mA
>5.0
V
Saturation Voltage
VCE(sat)
IC=30A,IB=6mA
<1.0
V

B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BF459

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF459 PHILIPS-BF459 Datasheet
42Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
STMicroelectronics
BF459 STMICROELECTRONICS-BF459 Datasheet
65Kb / 3P
HIGH VOLTAGE VIDEO AMPLIFIERS
January 1989
logo
Siemens Semiconductor G...
BF459 SIEMENS-BF459 Datasheet
122Kb / 4P
NPN SILICON RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BF459 NJSEMI-BF459 Datasheet
101Kb / 3P
NPN high-voltage transistors
More results

Similar Description - BF459

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com