Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD433 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD433
Description  EPITAXIAL SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD433 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD433 Datasheet HTML 1Page - Continental Device India Limited BD433 Datasheet HTML 2Page - Continental Device India Limited BD433 Datasheet HTML 3Page - Continental Device India Limited BD433 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
BD433
BD434
BD435
BD436
BD437
BD438
BD439
BD440
BD441
BD442
NPN
PNP
TO126
Plastic Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BD433 BD435 BD437 BD439 BD441
BD434 BD436 BD438 BD440 BD442
DC Current Gain
*hFE
>40
>40
>30
>20
>15
>85
>85
>85
>40
>40
>50
>50
>40
>25
>15
fT
>3.0
MHz
*Pulsed Pulse Duration=300
µµs, Duty Cycle=1.5%
Matched
Pairs
*hFE1 / hFE2
IC=500mA, VCE=1V ALL
UNIT
<1.4
IC=500mA, VCE=1V
IC=2.0A, VCE=1V
IC=10mA, VCE=5V
TEST CONDITION
IC=250mA, VCE=1V ALL
Current Gain Bandwidth
Product
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com