Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD170 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD170
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD170 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD170 Datasheet HTML 1Page - Continental Device India Limited BD170 Datasheet HTML 2Page - Continental Device India Limited BD170 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
BD166, 168, 170
PNP PLASTIC POWER TRANSISTORS
Complementary BD165, 167, 169
Audio Amplifier and Driver Circuit Applications
ABSOLUTE MAXIMUM RATINGS
166
168 170
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
V
Collector current
IC
max.
1.5
A
Total power dissipation up to TC = 25°C
Ptot
max.
20
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 0.5 A; IB = 0.05 A
VCEsat max.
0.5
V
D.C. current gain
IC = 0.15 A; VCE = 2 V
hFE
min.
40
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
166 168 170
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
BD166, BD168, BD170
ALL DIMENSIONS IN MM
PIN CONFIGURATION
1. EMITTER
2. COLLECTOR
3. BASE
1
3
2
TO-126 (SOT-32) Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD170

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD1722J50100A00 ANAREN-BD1722J50100A00 Datasheet
315Kb / 6P
Ultra Low Profile 0805 Balun 50 to 100 Balanced
BD1722J50100AHF ANAREN-BD1722J50100AHF Datasheet
188Kb / 5P
Ultra Low Profile 0805 Balun
BD1722J50150A00 ANAREN-BD1722J50150A00 Datasheet
229Kb / 6P
Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1722J50200AHF ANAREN-BD1722J50200AHF Datasheet
6Mb / 5P
Ultra Low Profile 0805 Balun
More results

Similar Description - BD170

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
PLASTIC POWER TRANSISTORS
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
Plastic Power Transistors
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com