Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4344 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4344
Description  Panel Mount Lenses for T-1 3/4 (5mm) LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4344 Datasheet(HTML) 1 Page - Visual Communications Company

  4344 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
Description and Features
Outline Dimensions
Outline Dimensions
Series 4341 thru 4347
• Attractive snap-in panel lenses provide wide-angle
viewing plus mechanical security and electrostatic
discharge protection. Generous clearance and "forgiv-
ing" optics speed product assembly. Ideal for use with
narrow beam LEDs, such as 4305H, 4308H or 4310H
series-or use with incandescent or neon lamps.
Material: Polycarbonate
Mounting Hole: Snap into Ø.354-.360 hole in panels
.030-.080 thick.
All dimensions in inches.
Series 4371, 4372, 4375, 4376, 4377 Lenses;
4370 Spacer
• These low profile lenses provide quick and economical
panel mounting for T-1 3/4 high dome LEDs. Molded-in
Fresnel rings spread light evenly, provide wide viewing
angle and bright attractive appearance. Use with narrow
beam LED series 4305H, 4308H and 4310H.
Material: Polycarbonate
Mounting Hole: Snap into Ø.248/.252 hole in panels
.030-.250 thick.
4347
Yellow
4346
Blue
4345
Green
4344
White
4343
Amber
4342
Clear
4341
Red
MODEL LENS COLOR
4370
Spacer
4377
Yellow
4376
Blue
4375
Green
4372
Clear
4371
Red
MODEL LENS COLOR
Ø.250
Ø.360
.127
.070
.430
Ø.250
.280
Ø.390
Ø.320
Ø.350
.200
.250
.190
RINGS
LIGHT DIFFUSING
Spacer


Similar Part No. - 4344

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4344 CML-4344 Datasheet
24Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Heyco.
4344 HEYCO-4344 Datasheet
114Kb / 1P
Cable Holders - Snap Rivet Mount
logo
Sensata Technologies, I...
4344 SENSATA-4344 Datasheet
510Kb / 8P
HERMETIC SEALED THERMOSTATS
Rev:08/22/19
logo
Adafruit Industries
4344 ADAFRUIT-4344 Datasheet
2Mb / 3P
Adafruit MSA301 Triple Axis Accelerometer - STEMMA QT / Qwiic
logo
Ulti-Mate Connector Inc
434411070 ULTI-MATE-434411070 Datasheet
167Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, LOW-PROFILE, AR09S0-26E5-18.0-S01-HT
12/8/17
More results

Similar Description - 4344

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4370 CML-4370 Datasheet
24Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Roithner LaserTechnik G...
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
LUMEX INC.
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4311 VCC-4311 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
4331 VCC-4331 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com