Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF011 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AT25DF011 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
32
AT25DF011
DS-25DF011–032A–4/2014
13.8
Input Test Waveforms and Measurement Levels
13.9
Output Test Load
14.
AC Waveforms
Figure 14-1. Serial Input Timing
Figure 14-2. Serial Output Timing
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)
Device
Under
Test
30pF
CS
SI
SCK
SO
MSB
HIGH-IMPEDANCE
MSB
LSB
tCSLS
tCLKH
tCLKL
tCSHS
tCSHH
tDS
tDH
tCSLH
tCSH
CS
SI
SCK
SO
tV
tCLKH
tCLKL
tDIS
tV
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com