Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWH10113 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWH10113
Description  Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10113 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWH10113 Datasheet HTML 1Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 2Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 3Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 4Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 5Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 6Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 7Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 8Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC61−
Metallized Polypropylene Film Capacitor
Type :
ECWH(V)
Plastic Film Capacitors
Designed for high frequency and pluse applications.
■Features
•Low-loss and inherent tempereature rise
•Excellent electrical characteristics
•Flame-retardant epoxy resin coating
•RoHS directive compliant
■Recommended Applications
•TV, Monitors, Electronic ballast
■Explanation of Part Numbers
1
23
456
78
9
10
11
12
E
C
W
H
Product code
Dielectric &
construction
Rated vol.
Capacitance
V
Cap. Tol. Suffix
Suffix
10 1000 VDC
12 1250 VDC
16 1600 VDC
20 2000 VDC
H ±3 %
J
±5 %
●Explanation of Part Number for Odd Size Taping
E
C
W
H
Product code
Dielectric &
construction
Rated vol.
Capacitance
R
V
7.5 mm
Crimped
Cap. Tol. Suffix
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
Insulation resistance (IR)
– 40 ˚C to + 105 ˚C
1000 VDC, 1250 VDC (1000 Vp-p), 1600 VDC (1200 Vp-p), 2000 VDC (1500 Vp-p)
(Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C)
1000 VDC
1250 VDC
1600 VDC
2000 VDC
0.0075 µF to 0.10 µF
0.0036 µF to 0.10 µF
0.0013 µF to 0.056 µF
0.0010 µF to 0.015 µF
±3 %(H), ±5 %(J)
tan <
=0.1 % (20 ˚C, 1 kHz), tan <
=0.2 % (20 ˚C, 10 kHz)
Between terminals:Rated volt. (VDC)✕150 % 60 s
Between terminals to enclosure:1500 VAC 60 s
IR>
=30000 M
Ω (20 ˚C, 500 VDC, 60 s)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Suffix
Blank
B
C
Lead Form
Straight
Crimped lead
Cut lead
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
61


Similar Part No. - ECWH10113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10113 PANASONIC-ECWH10113 Datasheet
214Kb / 14P
Designed for high frequency and pluse applications.
ECWH10113 PANASONIC-ECWH10113 Datasheet
214Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10113 PANASONIC-ECWH10113 Datasheet
214Kb / 14P
Plastic Film Capacitors
ECWH10113HV PANASONIC-ECWH10113HV Datasheet
3Mb / 21P
Plastic Film Capacitors
23-Apr-25
ECWH10113HVB PANASONIC-ECWH10113HVB Datasheet
214Kb / 14P
Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10113

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com