Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P282 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # P282
Description  polyfet rf devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

P282 Datasheet(HTML) 1 Page - Polyfet RF Devices

  P282 Datasheet HTML 1Page - Polyfet RF Devices P282 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF CHARACTERISTICS (
WATTS OUTPUT )
5
General Description
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
PATENTED GOLD METALIZED
5 Watts Single Ended
Package Style SO8
HIGH EFFICIENCY, LINEAR,
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
o
Total
Device
Junction to
Case Thermal
Maximum
Junction
Storage
Temperature
DC Drain
Current
Drain to
Gate
Drain to
Source
Gate to
Source
15 Watts
10
C
o
200
-65
to 150
1.6 A
30V
V
V
70
70
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Gps
η
VSWR
Common Source Power Gai
Drain Efficiency
Load Mismatch Toleranc
dB
%
Relative
10
45
0.4
20:1
Idq =
Idq =
Idq =
0.4
0.4
A,
A,
A,
28.0
Vds =
V,
28.0
Vds =
V,
28.0
Vds =
V,
F = 1000 MHz
F = 1000 MHz
F = 1000 MHz
Bvdss
Idss
Igss
Vgs
gM
Rdson
Idsat
Ciss
Crss
Coss
Drain Breakdown Voltag
Zero Bias Drain Curren
Gate Leakage Curren
Gate Bias for Drain Curren
Forward Transconductanc
Saturation Resistanc
Saturation Curren
Common Source Input Capacitanc
Common Source Feedback Capacitanc
Common Source Output Capacitanc
65
0.4
1
7
1
0.4
2.1
2.4
18
2
12
Mho
Ohm
Amp
pF
V
V
pF
pF
mA
uA
0.02
Ids =
A,
Vgs = 0V
28.0
Vds =
V,
Vgs = 0V
Vds = 0 V,
Vgs = 30V
0.04
Ids =
A,
Vgs = Vds
Vds = 10V, Vgs = 5V
Vgs = 20V, Ids = 2
Vgs = 20V, Vds = 10V
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
A
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION
SILICON GATE ENHANCEMENT MODE
RF POWER
HIGH GAIN, LOW NOISE
"Polyfet"
process features
gold metal for greatly extended
lifetime. Low output capacitance
and high F enhance broadband
performance
t
TM
C
o
C
o
C/W
o
P282
polyfet rf devices
Dissipation
Resistance
Temperature
Voltage
Voltage
Voltage
8/1/97
VDMOS TRANSISTOR


Similar Part No. - P282

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P282 POLYFET-P282 Datasheet
39Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
ETAL Group
P2820 ETAL-P2820 Datasheet
190Kb / 6P
POWERLINE CARRIER ISOLATION TRANSFORMERS
P2821 ETAL-P2821 Datasheet
190Kb / 6P
POWERLINE CARRIER ISOLATION TRANSFORMERS
P2822 ETAL-P2822 Datasheet
190Kb / 6P
POWERLINE CARRIER ISOLATION TRANSFORMERS
P2823 ETAL-P2823 Datasheet
190Kb / 6P
POWERLINE CARRIER ISOLATION TRANSFORMERS
More results

Similar Description - P282

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3725 EPCOS-B3725 Datasheet
77Kb / 8P
SAW RF filter Short range devices
B3728 EPCOS-B3728 Datasheet
69Kb / 8P
SAW RF filter Short range devices
B3729 EPCOS-B3729 Datasheet
70Kb / 8P
SAW RF filter Short range devices
B3730 EPCOS-B3730_1 Datasheet
94Kb / 11P
SAW RF filter Short range devices
B3761 EPCOS-B3761_1 Datasheet
86Kb / 10P
SAW RF filter Short range devices
B3905 EPCOS-B3905 Datasheet
73Kb / 7P
SAW RF filter Short range devices
B4041 EPCOS-B4041_1 Datasheet
67Kb / 7P
SAW RF filter Short range devices
logo
Texas Instruments
SWRA370 TI1-SWRA370 Datasheet
601Kb / 34P
Basic RF Testing of CCxxxx Devices
logo
STMicroelectronics
AN1232 STMICROELECTRONICS-AN1232 Datasheet
109Kb / 6P
Ruggedness improvement of RF DMOS devices
30-Jul-2007
logo
Shanghai Leiditech Elec...
LDTK-6G LEIDITECH-LDTK-6G Datasheet
2Mb / 2P
Surge Protective Devices For RF equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com