Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC701 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # SC701
Description  RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SC701 Datasheet(HTML) 2 Page - Polyfet RF Devices

  SC701_14 Datasheet HTML 1Page - Polyfet RF Devices SC701_14 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S1A 1 DIE ID & GM Vs VG
0.10
1.00
10.00
02
46
8
10
12
14
16
18
Vgs in Volts
Id
gM
S1A1 DIE CAPACITANCE
1
10
100
1000
0
4
8
12
1620
2428
VDS IN VOLTS
Coss
Ciss
Crss
S C 70 1 P in vs Po ut F re q= 5 00M H z , V D S = 28V ,
I dq= .2 A
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
P in in W a tts
9.5
10
10.5
11
11.5
12
12.5
P out
Gain
E ffic ienc y @ 20W = 55%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
SC701
S1A 1 DIE IV
0
1
2
3
4
5
6
7
8
0
2
4
6
8
101214
1618
20
VDS IN VOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
0
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 10/01/2007
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com