Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD136 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD136
Description  EPITAXIAL SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD136 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD136 Datasheet HTML 1Page - Continental Device India Limited BD136 Datasheet HTML 2Page - Continental Device India Limited BD136 Datasheet HTML 3Page - Continental Device India Limited BD136 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP EPITAXIAL SILICON POWER TRANSISTORS
BD136 BD138
BD140
TO126
Plastic Package
Designed for use as Audio Amplifier and Drivers Utilizing
Complementary BD135, BD137, BD139
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD136
BD138
UNIT
Collector -Emitter Voltage
VCEO
45
60
V
Collector -Emitter Voltage (RBE=1kΩ
Ω)
VCER
45
60
V
Collector -Base Voltage
VCBO
45
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
1.5
A
Collector Peak Current
ICM
2.0
A
Base Current
IB
0.5
A
Power Dissipation @ Ta=25ºC
PD
1.25
W
Derate above 25ºC
10
mW/ºC
Power Dissipation @ Tc=25ºC
PD
12.5
W
Derate above 25ºC
100
mW/ºC
Power Dissipation @ Tc=70ºC
PD
8.0
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 55 to +150
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNIT
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=30mA, IB=0
BD136
V
BD138
V
BD140
V
Collector Cut Off Current
ICBO
VCB=30V, IE=0
0.1
µA
VCB=30V, IE=0,
Tc=125ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
10
µA
DC Current Gain
*hFE
IC=0.005A, VCE=2V
IC=0.15A, VCE=2V
250
IC=0.5A, VCE=2V
*Pulse test:- Pulse width=300
µµs, duty cycle=2%
100
10
MIN
45
60
80
BD140
80
100
100
25
40
25
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD136 MOTOROLA-BD136 Datasheet
104Kb / 4P
Plastic Medium Power Silicon PNP Transistor
logo
NXP Semiconductors
BD136 PHILIPS-BD136 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
STMicroelectronics
BD136 STMICROELECTRONICS-BD136 Datasheet
44Kb / 4P
PNP SILICON TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD136 SIEMENS-BD136 Datasheet
188Kb / 5P
PNP SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD136 FAIRCHILD-BD136 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD136

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD233 CDIL-BD233 Datasheet
492Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com