Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD131 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD131
Description  SILICON EPITAXIAL POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD131 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD131 Datasheet HTML 1Page - Continental Device India Limited BD131 Datasheet HTML 2Page - Continental Device India Limited BD131 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD131
NPN
BD132
PNP
TO-126
Plastic Package
BD131_132Rev_1 120403D
TO-126 (SOT-32) Plastic Package
TO-126 TUBE PACKING
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
500 pcs/polybag 340 gm/500 pcs
TO-126 Bulk
3" x 7.5" x 7.5"
2K
17" x 15" x 13.5"
32K
31 kgs
TO-126 Tube
50 pcs/tube
73 gm/50 pcs
3" x 3.7" x 21.5"
1K
19" x 19" x 19"
10K
15 kgs
Pin Configuration
1. Emitter
2. Collector
3. Base
All dimensions in mm.
DIM
MIN
A
B
C
D
E
2.25 TYP.
4.5 TYP.
15.7 TYP.
1.27 TYP.
3.75 TYP.
2.5 TYP.
F
0.49
7.4
10.5
2.4
0.7
3.0
G
L
M
N
P
S
MAX
7.8
10.8
2.7
0.9
0.75
3.2
A
N
P
B
S
1
2
3
D
E
G
F
C
M
L
3
2
1
3.0
3.0
0 mm
±0' 30"
±0.8
±0.5
±0.3
±0.2
±0.1
315 mm
315 mm
120 mm
30 mm
5 mm
ANGULAR
ABOVE
120.01 mm
GENERAL TOLERANCE
30.01 mm
0.01 mm
±0.10
±0.50
532.00
MARKING SIDE
+0
±0.05
71.00
ø3.10 THRU (2 NOS)
A
A
390.00
-1.00
ø5.90 THRU (2 NOS)
3.5
10.0
PRINTING AREA
6.5
11.0
6.0 2
9.0
4
20.0
7.0
3
3.5
6.0
7.0
7.0
3CP 66382 ANTISTATICz
03
PVC
ARROW
DIN SYMBOL
SECTION AA
±0.10
END PIN (2 PCS/TUBE)
11.95
R2.5
+0.1
-0
7.6
3.35
+0
-0.1
1.0
MATL:- PVC BLACK WITH
ANTISTATIC DIPPING
1.00
1.20
R 0.50
MARKING SIDE
3.70
0.65
All dimensions in mm
Notes:
1.
All print in black.
2.
All text in Helvetia medium font.
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
Label
538
.00
75.0
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com