Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW71 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCW71
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCW71 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCW71 Datasheet HTML 1Page - Continental Device India Limited BCW71 Datasheet HTML 2Page - Continental Device India Limited BCW71 Datasheet HTML 3Page - Continental Device India Limited BCW71 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
VCB0
max.
50 V
Collector–emitter voltage (open base)
IC = 2 mA
VCE0
max.
45 V
Emitter–base voltage (open collector)
VEB0
max.
5 V
Collector current (d.c.)
IC
max.
100 mA
Collector current (peak value)
ICM
max.
200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 ° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a =
500 K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; VCB = 20 V
ICB0
<
100 nA
IE = 0; VCB = 20 V; Tj = 100 °C
ICB0
<10
µA
Base emitter voltage
IC = 2 mA; VCE = 5 V
VBE
550 to 700 mV
Saturation voltages
IC = 10 mA; lB = 0,5 mA
typ.
120 mV
VCEsat <
250 mV
VBEsat typ.
750 mV
VCEsat typ.
210 mV
IC = 50 mA; lB = 2,5 mA
VBEsat typ.
850 mV
D.C. current gain
BCW71
BCW72
IC = 10 µA; VCE = 5 V
hFE
typ.
90
150
>
110
200
IC = 2 mA; VCE = 5 V
hFE
<
220
450
Collector capacitance at f = 1 MHz
IE = Ie = 0; VCB = 10 V
Cc
typ.
2,5
pF
Transition frequency at f = 35 MHz
IC = 10 mA; VCE = 5 V
fT
typ.
300
MHz
Noise figure at RS = 2 kΩ
IC = 200 µA; VCE = 5 V
f = 1 kHz; B = 200 Hz
F
<
10
dB
BCW71
BCW72



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com