Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW68 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCW68
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCW68 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCW68 Datasheet HTML 1Page - Continental Device India Limited BCW68 Datasheet HTML 2Page - Continental Device India Limited BCW68 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
GENERAL PURPOSE TRANSISTOR
P–N–P transistor
Marking
BCW67A = DA
BCW67B = DB
BCW67C = DC
BCW68F = DF
BCW68G = DG
BCW68H = DH
ABSOLUTE MAXIMUM RATINGS
BCW 67series
68 series
Collector–base voltage (open emitter)
–VCBO
max.
45
60 V
Collector–emitter voltage (open base)
–VCEO
max.
32
45 V
Emitter–base voltage (open collector)
–VEBO
max.
5
V
Collector current (d.c.)
–I C
max.
800
mA
Total power dissipation at Tamb = 25°C
Ptot
max
225
mW
D.C. current gain
IC = 10 mA; VCE = 1 V
BCW67A, 68F
hFE
min.
75
BCW67B, 68G
hFE
min.
120
BCW67C, 68H
hFE
min.
180
IC = 100 mA; VCE = 1 V
min.
100
BCW67A, 68F
hFE
max.
250
min.
160
BCW67B, 68G
hFE
max.
400
BCW67, A, B, C
BCW68, F, G, H
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCW68

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
KEC(Korea Electronics)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Infineon Technologies A...
BCW68 INFINEON-BCW68 Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW68 DIOTEC-BCW68 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCW68 KEXIN-BCW68 Datasheet
42Kb / 2P
PNP General Purpose Transistors
More results

Similar Description - BCW68

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com