Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP51 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCP51
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCP51 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCP51 Datasheet HTML 1Page - Continental Device India Limited BCP51 Datasheet HTML 2Page - Continental Device India Limited BCP51 Datasheet HTML 3Page - Continental Device India Limited BCP51 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BCP51 BCP52 BCP53
SOT-223
Formed SMD Package
General Purpose Medium Power DC Applications
Complementary BCP54 BCP55 and BCP56
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BCP51
BCP52
Collector Base Voltage
VCBO
45
60
100
Collector Emitter Voltage
VCEO
45
60
80
Emitter Base Voltage
VEBO
Collector Current (DC)
IC
Collector Current Peak
ICM
Base Current Peak
IBM
Power Dissipation upto Tamb=25ºC
*PD
Storage Temperature
Tstg
Junction Temperature
Tj
Operating Ambient Temperature
Tamb
THERMAL RESISTANCE
From junction to ambient
*Rth (j-a)
From junction to soldering point
Rth (j-a)
* Device Mounted on printed circuit board, single sided copper, tinplated, mounting pad for collector 1 cm
2.
ABSOLUTE MAXIMUM RATINGS (Tamb=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=30V, IE=0
100
nA
VCB=30V, IE=0, Tj=125ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
100
nA
DC Current Gain
hFE
IC=5mA, VCE=2V
63
IC=150mA, VCE=2V
63
250
IC=500mA, VCE=2V
40
DC Current Gain
hFE
IC=150mA, VCE=2V
Group -10
63
160
Group -16
100
250
Collector Emitter Saturation Voltage
VCE (sat)
IC=0.5A, IB=50mA
0.5
V
Base Emitter On Voltage
VBE (on)
IC=0.5A, VCE=2V
1.0
V
Transition Frequency
fT
IC=10mA, VCE=5V,f=100MHz
115
MHz
BCP51_53Rev011104E
- 65 to +150
ºC
95
14
K/W
K/W
W
ºC
ºC
150
0.2
1.3
- 65 to +150
UNITS
V
V
V
A
A
A
BCP53
5.0
1.0
1.5
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCP51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP51 SIEMENS-BCP51 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP51 DIOTEC-BCP51 Datasheet
234Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCP51 FAIRCHILD-BCP51 Datasheet
40Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - BCP51

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com