Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC637 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC637
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC637 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC637 Datasheet HTML 1Page - Continental Device India Limited BC637 Datasheet HTML 2Page - Continental Device India Limited BC637 Datasheet HTML 3Page - Continental Device India Limited BC637 Datasheet HTML 4Page - Continental Device India Limited BC637 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC635, 637, 639 NPN
BC636, 638, 640 PNP
TO-92
Plastic Package
High Current Transistor
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
BC635
BC637
BC636
BC638
UNIT
Collector Emitter Voltage
VCEO
45
60
V
Collector Base Voltage
VCBO
45
60
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Total Device Dissipation at Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ºC
Total Device Dissipation at Ta=25ºC
**PD
W
Total Device Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Ambient
**Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
BC635/BC636
V
BC637/BC638
V
BC639/BC640
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
BC635/BC636
V
BC637/BC638
V
BC639/BC640
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
V
Collector Cut Off Current
ICBO
VCB=30V, IE=0
0.1
µA
VCB=30V, IE=0, Ta=125ºC
10
µA
Base Emitter (On) Voltage
*VBE (on)
IC=500mA, VCE=2V
1.0
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=500mA, IB=50mA
0.5
V
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle 2%
**Transistors mounted on printed circuit board, max Lead Length 4mm, mounting pad for collector lead min
10mm x 10 mm
BC635_BC640Rev_4 030106E
BC639
BC640
80
80
MIN
45
For Lead Free Parts, Device Part #
will be Prefixed with "T"
1.0
- 55 to +150
45
800
6.4
2.75
80
22
5.0
5.0
DESCRIPTION
SYMBOL
60
80
156
1.0
125
45
60
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC637

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC637 MOTOROLA-BC637 Datasheet
116Kb / 4P
High Current Transistors
logo
NXP Semiconductors
BC637 PHILIPS-BC637 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC637 SIEMENS-BC637 Datasheet
126Kb / 5P
NPN Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC637 FAIRCHILD-BC637 Datasheet
55Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC637 KEC-BC637 Datasheet
60Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR(HIGH CURRENT TRANSISTORS)
More results

Similar Description - BC637

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com