Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC547
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC547 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC547 Datasheet HTML 1Page - Continental Device India Limited BC547 Datasheet HTML 2Page - Continental Device India Limited BC547 Datasheet HTML 3Page - Continental Device India Limited BC547 Datasheet HTML 4Page - Continental Device India Limited BC547 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC546, A, B, C
BC547, A. B, C
BC548, A. B, C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
DC Current Gain
hFE
IC=10µA, VCE=5V
A
B
C
IC=2mA, VCE=5V
BC546
110
450
BC547/548
110
800
A
110
220
B
200
450
C
420
800
IC=100mA, VCE=5V
A
B
C
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
IC=100mA, IB=5mA
0.60
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=0.5mA
V
IC=100mA, IB=5mA
V
Base Emitter On Voltage
VBE (on)
IC=2mA, VCE=5V
0.55
0.70
V
IC=10mA, VCE=5V
0.77
V
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Transistors Frequency
fT
IC=10mA, VCE=5V, f=100MHz
MHz
Collector Output Capacitance
Ccbo
VCB=10V, f=1MHz
4.5
pF
Emitter Input Capacitance
Cib
VEB=0.5V, f=1MHz
pF
Noise Figure
NF
IC=0.2mA, VCE=5V, RS=1 kΩ,
f=1KHz, B=200Hz
10
dB
Small Signal Current Gain
hfe
IC=2mA, VCE=5V, f=1KHz
A
B
C
Input Impedance
hie
IC=2mA, VCE=5V, f=1KHz
A
1.6
4.5
k
Ω
B
3.2
8.5
k
Ω
C
6.0
15
k
Ω
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V, f=1KHz
A
x10
-4
B
x10
-4
C
x10
-4
Out Put Admittance
hoe
IC=2mA, VCE=5V, f=1KHz
A
30
umhos
B
60
umhos
C
110
umhos
BC546_548Rev_4 290606D
220
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
270
9.0
TYP
TYP
150
300
120
200
0.9
400
0.7
90
330
600
1.5
3.0
2.0
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com