Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC477 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC477
Description  PNP SILICON PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC477 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC477 Datasheet HTML 1Page - Continental Device India Limited BC477 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON PLANAR TRANSISTOR
BC477
TO-18
General Purpose Audio Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCES
90
V
Collector -Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current
IC
150
mA
Power Dissipation @ Ta=25 deg C
Ptot
0.3
@ Tc=25 deg C
1.20
Junction Temperature
Tj
200
deg C
Storage Temperature Range
Tstg
-55 to 200
deg C
Thermal Resistance
Junction to Case
Rth (j-c)
146
deg C/W
Junction to Ambient
Rth (j-a)
485
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICES
VCE=70V,
VBE=0
-
-
10
nA
Ta=125 deg C
VCE=70V,
VBE=0
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=4V,
IC=0
-
-
10
nA
Collector -Emitter Voltage
VCES
IC=10uA,
VBE=0
90
-
V
VCEO
IC=5mA,
IB=0
80
-
-
V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
6.0
-
-
V
Collector Emitter Saturation Voltage
VCE(Sat) *
IC=10mA, IB=0.5mA
-
-
0.25
V
IC=100mA, IB=5mA
typ 0.3
V
Base Emitter on Voltage
VBE(on)*
IC=2mA,VCE=5V
0.55
0.75
V
Base Emitter Saturation Voltage
VBE(Sat) *
IC=10mA, IB=0.5mA
-
-
0.90
V
IC=100mA, IB=5mA
typ 0.90
V
DC Current Gain
hFE*
IC=10uA,VCE=5V
30
-
-
IC=2mA,VCE=5V
110
-
250
IC=10mA,VCE=5V
typ 160
Small Signal Current Gain
hfe
IC=2mA,VCE=5V,f=1kHz
125
260
IC=10mA,VCE=5V,f=20MHz
typ 7.5
DYNAMIC CHARACTERISTICS
Collector Base Capacitance
Ccbo
IE=0, VCB=5V
-
-
6.0
pF
Emitter Base Capacitance
Cebo
IC=0, VEB=0.5V
-
15
pF
Noise Figure
NF
VCE=5V, IC=200uA,
-
10
dB
Rg=2 kohms, f=1KHz
B=200Hz
*Pulsed: pulse duration =300us, duty cycle=1%
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC477

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Jan 1989
logo
Central Semiconductor C...
BC477 CENTRAL-BC477 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC477 SEME-LAB-BC477 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
2-Aug-02
logo
Multicomp Pro
BC477 MULTICOMP-BC477 Datasheet
219Kb / 3P
Low Power Bipolar Transistor
25/09/19 V1.0
logo
Seme LAB
BC477A SEME-LAB-BC477A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
More results

Similar Description - BC477

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com