Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC461 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC461
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC461 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC461 Datasheet HTML 1Page - Continental Device India Limited BC461 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BC460
BC461
TO-39
Medium Power Amplifier
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BC460
BC461
UNIT
Collector -Base Voltage
VCBO
50
70
V
Collector -Emitter Voltage
VCEO (sus)
40
60
V
Collector -Emitter Voltage RBE=100 ohms
VCER
50
70
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Peak Current
ICM
2.0
A
Power Dissipation @ Tamb=25 deg C
Ptot
1.0
W
@ Tcase=25 deg C
10
W
Operating And Storage Junction
Tj, Tstg
65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
17.5
deg C/W
Junction to Ambient
Rth (j-a)
175
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector-Cut off Current
ICBO
VCB=40V, IE=0
-
100
nA
RBE=100 ohms
ICER
VCE=50V,
BC460
-
10
uA
VCE=70V,
BC461
-
10
uA
Collector -Emitter Voltage
VCEO *
IC=10mA, IB=0
BC460
40
-
V
BC461
60
-
V
Emitter -Base Voltage
VEBO
IE=100 uA, IC=0
5.0
-
V
DC Current Gain
hFE*
IC=500mA,VCE=4V
40
250
IC=1A,VCE=2V
BC460
20
-
Collector Emitter Saturation Voltage
VCE(Sat)*
IC=1A, IB=100mA
-
1.0
V
Base Emitter Saturation Voltage
VBE(Sat) *
IC=1A, IB=100mA
-
1.5
V
Transition Frequency
ft
IC=50mA, VCE=4V
50
-
MHz
f=1MHz
Pulse: Pulse duration=300us, Duty Cycle=1%
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC461

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC461 MICRO-ELECTRONICS-BC461 Datasheet
128Kb / 2P
COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC461 CENTRAL-BC461 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC461 SEME-LAB-BC461 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BC461 NJSEMI-BC461 Datasheet
87Kb / 1P
SILICON PLANAR
logo
Multicomp Pro
BC461 MULTICOMP-BC461 Datasheet
253Kb / 2P
Medium Power Transistor
24/09/19 V1.1
More results

Similar Description - BC461

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com