Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC487B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC487B
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC487B Datasheet(HTML) 2 Page - Continental Device India Limited

  BC487B Datasheet HTML 1Page - Continental Device India Limited BC487B Datasheet HTML 2Page - Continental Device India Limited BC487B Datasheet HTML 3Page - Continental Device India Limited BC487B Datasheet HTML 4Page - Continental Device India Limited BC487B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485, A, B, L
BC487, A, B, L
BC489, A, B, L
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Transistors Frequency
fT
IC=50mA, VCE=2V, f=100MHz
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
pF
Input Capacitance
Cib
VEB=0.5V, f=1MHz
pF
BC487_489Rev_1 280306E
TYP
200
7.0
50
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com