Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC328 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC328
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC328 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC328 Datasheet HTML 1Page - Continental Device India Limited BC328 Datasheet HTML 2Page - Continental Device India Limited BC328 Datasheet HTML 3Page - Continental Device India Limited BC328 Datasheet HTML 4Page - Continental Device India Limited BC328 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC327/A BC328 PNP
BC337/A BC338 NPN
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
DC Current Gain
*hFE
IC=100mA, VCE=1V
BC327A/337A
100
BC327/328, BC337/338
100
BC327/328, BC337/338
Group-10
63
Group-16
100
Group-25
160
Group-40
250
IC=500mA, VCE=1V
40
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
Transistors Frequency
fT
IC=10mA, VCE=5V, f=35MHz
NPN
PNP
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
NPN
PNP
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
BC327_338Rev_3 290606D
160
250
400
TYP
600
UNITS
8
MAX
For Lead Free Parts, Device Part #
will be Prefixed with "T"
MHz
MHz
100
200
pF
pF
5
UNITS
400
600
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com