Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC308B Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC308B
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC308B Datasheet(HTML) 1 Page - Continental Device India Limited

  BC308B Datasheet HTML 1Page - Continental Device India Limited BC308B Datasheet HTML 2Page - Continental Device India Limited BC308B Datasheet HTML 3Page - Continental Device India Limited BC308B Datasheet HTML 4Page - Continental Device India Limited BC308B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC 307, A, B, C
BC 308, A, B, C
BC 309, A, B, C
TO-92
Plastic Package
General Purpose Transistors Deisgned For Small Signal Amplification
From DC To Low Radio Frequencies
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC307 BC308 BC309
UNITS
Collector Emitter Voltage
VCEO
45
25
25
V
Collector Base Voltage
VCBO
50
30
30
V
Emitter Base Voltage
VEBO
55
5
V
Collector Current Continuous
IC
100
mA
Power Dissipation@ Ta=25ºC
PD
350
mW
Derate Above 25ºC
2.8
mW/°C
Power Dissipation@ Tc=25ºC
PD
1W
Derate Above 25ºC
8
mW/°C
Operating And Storage Junction
Tj, Tstg
-55 to +150
°C
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
357
°C/W
Junction to case
Rth(j-c)
125
°C/W
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC308B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC308B FAIRCHILD-BC308B Datasheet
69Kb / 5P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC308B

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com