Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4CFM6DI Datasheet(PDF) 1 Page - Amphenol Corporation

Part # H4CFM6DI
Description  H4 PV Panel Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

H4CFM6DI Datasheet(HTML) 1 Page - Amphenol Corporation

  H4CFM6DI Datasheet HTML 1Page - Amphenol Corporation H4CFM6DI Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Amphenol Industrial Solar Technologies (AIST) offers
products and solutions for all segments of the solar electric
system. AIST understands the need for efficient (low loss)
power transfer, highly reliable, and cost effective solutions
that are required to be competitive in this industry. We can
provide panel manufacturers, installers, and OEM's with
connectivity products for both thin film and crystalline silicon
technologies. Designed for applications that use solar
inverters and combiner boxes. The H4 PV Panel Connector is
dual-rated for UL and TÜV. The connector meets NEC
2008/2011 requirements without the need for extra locking
collars or locking sleeves and is available in four different
gauges including 14 AWG rated at 32A, 12 AWG rated at 40A,
10 AWG rated at 44A and 8 AWG rated at 65A. Amphenol
Industrial can help you power the planet with the sun. The H4
PV Panel Connector is just one product out of many solar
interconnect solutions AIST has to offer.
H4 PV Panel Connector
Amphenol
www.amphenol-industrial.com
H4 Features:
• UL and TÜV dual approval
• Fully intermateable with industry standard
• Meets all NEC 2008/2011 requirements
• Quick and easy secure snap lock mating
• Simple unlocking tool meets NEC requirements
• Long-term UV and Ozone resistance
• Highest current rating in industry
• RoHS compliant
• Complete Cable Assemblies available
• Low contact resistance means low loss
• Ready for field assembly
®
IDS-39-3


Similar Part No. - H4CFM6DI

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
H4CFC0DCS AMPHENOL-H4CFC0DCS Datasheet
1Mb / 2P
Helios H4
H4CFC0DCT AMPHENOL-H4CFC0DCT Datasheet
1Mb / 2P
Helios H4
H4CFC0DIS AMPHENOL-H4CFC0DIS Datasheet
1Mb / 2P
Helios H4
H4CFC0DIT AMPHENOL-H4CFC0DIT Datasheet
1Mb / 2P
Helios H4
H4CFC0DMS AMPHENOL-H4CFC0DMS Datasheet
1Mb / 2P
Helios H4
More results

Similar Description - H4CFM6DI

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
H3CFC2DI AMPHENOL-H3CFC2DI Datasheet
318Kb / 2P
HELIOS H4 Amphenol solar connector
H4CFC2DIS AMPHENOL-H4CFC2DIS Datasheet
1Mb / 2P
Helios H4
logo
Tyco Electronics
1879635 MACOM-1879635 Datasheet
63Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4
logo
PHOENIX CONTACT
1795323 PHOENIX-1795323 Datasheet
60Kb / 2P
Connector - PV-CF-P 2,5()
1795336 PHOENIX-1795336 Datasheet
60Kb / 2P
Connector - PV-CM-P 2,5(-)
logo
Amphenol Industrial Pro...
IDS-39-6 AIO-IDS-39-6 Datasheet
806Kb / 2P
H4 PV Panel Mount Connector
logo
Huber+Suhner, Inc.
11_H4-50-3-10133_N HUBERSUHNER-11_H4-50-3-10133_N Datasheet
131Kb / 2P
COAXIAL CONNECTOR, H4, 50 Ohm, Straight cable plug (male)
22_H4-50-0-1133_N HUBERSUHNER-22_H4-50-0-1133_N Datasheet
856Kb / 2P
COAXIAL CONNECTOR, H4, 50 Ohm, Straight bulkhead receptacle, jack (female)
22_H4-50-0-1133_U HUBERSUHNER-22_H4-50-0-1133_U Datasheet
856Kb / 2P
COAXIAL CONNECTOR, H4, 50 Ohm, Straight bulkhead receptacle, jack (female)
22_H4-50-0-15100_N HUBERSUHNER-22_H4-50-0-15100_N Datasheet
175Kb / 2P
COAXIAL CONNECTOR, H4, 50 Ohm, Straight bulkhead receptacle, jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com