Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-155SD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT-155SD
Description  HT-155 Series Top View LED (PCB type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-155SD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT-155SD Datasheet HTML 1Page - List of Unclassifed Manufacturers HT-155SD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Package Outline Dimensions
Recommended Soldering Pattern
Directive Characteristics
Unit: mm
(Unit:mm Tolerance:+/-0.1)
Absolute Maximum Ratings
HT-155 Series Top View LED (PCB type)
●
Chip LED ( 3.2 x 2.7 x 1.1 )
●
Super compact
●
Bi-color
20
21
Cathode
side
Pin 1
Pin 4
Pin 4
Pin 1
Cathode mark
LED Die 1
short wavelength
LED Die 2
long wavelength
2.7
1.1
Pin 2
Pin 3
Pin 3
Pin 2
PCB
Resin
1.2
Pin
1
Die
1
Pin
4
Die
2
Pin
2
Pin
3
Polarity
1.5
1.5
2.0
YG/Y/D/SD
UR
0
10
20
30
40
Forward Current(mA)
0
40
80
120
160
Relative Intensity vs. Forward Current
1.5
1.7
1.9
2.1
2.3
2.5
0
20
40
60
80
100
Forward Voltage (V)
Forward Current vs. Forward Voltage
YG
Y
D
SD
UR
Forward Current(mA)
Relative Intensity vs. Forward Current
0
30
60
90
120
150
0
6
12
18
24
30
UY/UD/USD
UYG
Forward Voltage (V)
Forward Current vs. Forward Voltage
0
6
12
18
24
30
1.5
1.7
1.9
2.1
2.3
2.5
NG/NB
0
6
12
18
24
30
Forward Current(mA)
0
30
60
80
120
150
Relative Intensity vs. Forward Current
YG
Y
D
SD
UR
2.0
2.4
2.8
3.2
3.6
4.0
0
6
12
18
24
30
Forward Voltage (V)
Forward Current vs. Forward Voltage
AlInGap/AlGaAs
Gap/GaAsP
InGaN
Forward Current vs. Ambuent Temperature
Ambient Temperature(OC)
0
5
10
15
20
25
30
35
0
10
40
50
20
30
60
80
70
90 100
O
C
Power Dissipation
DC Forward Current
Pulsed Forward Current
Operating Temperature
Storage Temperature
Item
Symbol
Unit
D
P
F
I
FP*
I
R
V
ST
T
OP
T
mW
mA
mA
V
GaP
GaAsP
AIGaAs
AllnGaP
InGaN
65
25
100
65
25
100
66
30
100
72
30
100
78
20
80
5
-30 to 80
-40 to 85
Reverse Voltage
O
C
O
C
100%
50%
0
50%
100%
60O
-60O
30O
-30O
0O
100%
50%
0
50%
100%
60O
-60O
30O
-30O
0O
Features
Polarity reference for cathode mark is reversed for UR.
* 0.1msec pulse, 10% duty cycle.
O
C
GaP
GaAsP
GaAsP
GaP
GaAsP
GaP
AllnGaP
AllnGaP
AllnGaP
AllnGaP
AllnGaP
AllnGaP
lnGaN
AllnGaP
AllnGaP
lnGaN
AllnGaP
lnGaN
2.6
2.6
2.6
2.6
2.6
2.6
2.4
2.4
2.4
2.4
2.4
2.4
2.4
3.9
2.4
3.9
2.4
3.9
629
573
590
573
608
573
622
573
591
573
605
573
622
470
591
470
605
470
642
568
589
568
610
568
636
574
593
574
609
574
636
468
593
468
609
468
35
30
35
30
35
30
17
20
15
20
17
20
17
40
15
40
17
40
5.6
9
5.6
9
5.6
9
50
36
40
36
40
36
50
36
40
36
40
36
14
20
9
20
12
20
120
90
90
90
90
90
120
56
90
56
90
56
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
HT-155SD/YG
HT-155Y/YG
HT-155D/YG
HT-155USD/UYG
HT-155UY/UYG
HT-155UD/UYG
HT-155USD/NB
HT-155UY/NB
HT-155UD/NB
Material
Luminous Intensity (mcd)*
IF ( mA )
Forward Voltage(VF)
*Per NIST standards
Wavelength (nm) typ.
140
140
140
140
140
140
140
140
140
140
140
140
140
140
140
140
140
140
typ.
max.
P
λ
λ
D
λ
min.
typ.
Viewing
Angle
2 _12
Emitting color
Part Number
Yellow Green
Yellow Green
Yellow
Amber
Super Bright Orange
Yellow Green
Ultra Bright Yellow Green
Ultra Bright Yellow Green
Ultra Bright Yellow
Ultra Bright Amber
Ultra Bright Orange
Ultra Bright Yellow Green
Ultra Bright Yellow
Ultra Bright Amber
Ultra Bright Orange
Blue
Blue
Blue
2.1
2.2
2.1
2.2
2.1
2.2
1.9
2.0
1.9
2.0
1.9
2.0
1.9
3.3
1.9
3.3
1.9
3.3
Electrical / Optical Characteristics


Similar Part No. - HT-155SD

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-155SD/YG ELITE-HT-155SD/YG Datasheet
274Kb / 2P
Visible LED
More results

Similar Description - HT-155SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-150NB ETC2-HT-150NB Datasheet
978Kb / 2P
HT-150 Series Top View LED(PCB type)
HT-150YG ETC2-HT-150YG Datasheet
978Kb / 2P
HT-150 Series Top View LED(PCB type)
HT-380FCH ETC2-HT-380FCH Datasheet
695Kb / 2P
HT-380 Series Top View LED (PCB type)
logo
LUMEX INC.
SML-LX1206SOC-TR LUMEX-SML-LX1206SOC-TR Datasheet
419Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRC-TR LUMEX-SML-LX1206SRC-TR_17 Datasheet
420Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRW-TR LUMEX-SML-LX1206SRW-TR Datasheet
433Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206UPGC-TR LUMEX-SML-LX1206UPGC-TR Datasheet
110Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SUGC-TR LUMEX-SML-LX1206SUGC-TR Datasheet
418Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
logo
Seoul Semiconductor
SBHRN120E SEOUL-SBHRN120E Datasheet
1Mb / 21P
Top View LED
SBWNN120E SEOUL-SBWNN120E Datasheet
1Mb / 21P
Top View LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com