Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-LED-G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M22-LED-G
Description  Pushbuttons and Indicating Lights
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-LED-G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M22-LED-G Datasheet HTML 1Page - List of Unclassifed Manufacturers M22-LED-G Datasheet HTML 2Page - List of Unclassifed Manufacturers M22-LED-G Datasheet HTML 3Page - List of Unclassifed Manufacturers M22-LED-G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—March 2014
www.eaton.com
V7-T1-85
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.5
Pushbuttons and Indicating Lights
22.5 mm Modular Pushbuttons—M22
Product Selection
Illuminated Selector Switches
Components
Operators Only, Knob Type 1
Notes
1 Includes contact block mounting adapter.
2 Momentary selector switches can be converted in the field to maintained operation with the removal of a color coded
adapter. See Page V7-T1-118.
Type
Switching Position
Button Color
Silver Bezel
Catalog Number
Black Bezel
Catalog Number
Metal Bezel
Catalog Number
Two-position
Momentary 2
White
M22-WLK-W
M22S-WLK-W
M22M-WLK-W
Red
M22-WLK-R
M22S-WLK-R
M22M-WLK-R
Green
M22-WLK-G
M22S-WLK-G
M22M-WLK-G
Yellow
M22-WLK-Y
M22S-WLK-Y
M22M-WLK-Y
Blue
M22-WLK-B
M22S-WLK-B
M22M-WLK-B
Maintained
White
M22-WRLK-W
M22S-WRLK-W
M22M-WRLK-W
Red
M22-WRLK-R
M22S-WRLK-R
M22M-WRLK-R
Green
M22-WRLK-G
M22S-WRLK-G
M22M-WRLK-G
Yellow
M22-WRLK-Y
M22S-WRLK-Y
M22M-WRLK-Y
Blue
M22-WRLK-B
M22S-WRLK-B
M22M-WRLK-B
Maintained V
White
M22-WLKV-W
M22S-WLKV-W
M22M-WLKV-W
Red
M22-WLKV-R
M22S-WLKV-R
M22M-WLKV-R
Green
M22-WLKV-G
M22S-WLKV-G
M22M-WLKV-G
Yellow
M22-WLKV-Y
M22S-WLKV-Y
M22M-WLKV-Y
Blue
M22-WLKV-B
M22S-WLKV-B
M22M-WLKV-B
M22-WLK-W
40°
40°
60°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com