Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-LED230-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M22-LED230-R
Description  Pushbuttons and Indicating Lights
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-LED230-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M22-LED230-R Datasheet HTML 1Page - List of Unclassifed Manufacturers M22-LED230-R Datasheet HTML 2Page - List of Unclassifed Manufacturers M22-LED230-R Datasheet HTML 3Page - List of Unclassifed Manufacturers M22-LED230-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
V7-T1-84
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—March 2014
www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.5
Pushbuttons and Indicating Lights
22.5 mm Modular Pushbuttons—M22
Catalog Number Selection
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Illuminated Selector Switches
Handle Type
WLK = Illuminated knob type
momentary, two-position
WLKV = Illuminated Knob type
momentary, V-position
WLK3 = Illuminated knob type
momentary, three-position
M22 –WLK –R –K10 –R
Light Units
12–30 Vac/Vdc
W =White
R =Red
G =Green
B =Blue
85–264 Vac
230W =White
230R =Red
230G =Green
230B =Blue
Contact Blocks
K10 =1NO
K01 =1NC
K20 =2NO
K02 =2NC
K11 = 1NO-1NC
K30 =3NO
K03 =3NC
K21 = 2NO-1NC
K12 = 1NO-2NC
Handle Color
W =White
R =Red
G = Green
Y = Yellow
B =Blue
Bezel
M22 =Silver
M22S =Black
M22M = Metal


Similar Part No. - M22-LED230-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
M22-LED-R EATON-M22-LED-R Datasheet
221Kb / 3P
LED￿element,￿red,￿front￿mount,￿12-30VAC/DC
07/26/2016
M22-LED-RQ EATON-M22-LED-RQ Datasheet
221Kb / 3P
LED￿element,￿red,￿front￿mount,￿12-30VAC/DC
07/26/2016
M22-LED-W EATON-M22-LED-W Datasheet
220Kb / 3P
LED￿element,￿white,￿front￿mount,￿12-30VAC/DC
07/26/2016
M22-LED-WQ EATON-M22-LED-WQ Datasheet
220Kb / 3P
LED￿element,￿white,￿front￿mount,￿12-30VAC/DC
07/26/2016
More results

Similar Description - M22-LED230-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130127-0001 MOLEX2-130127-0001 Datasheet
46Kb / 1P
Super-Safeway짰 3-Wire Circuit Tester, 3 Indicating Lights
130127-0003 MOLEX2-130127-0003 Datasheet
39Kb / 1P
Super-Safeway짰 3-Wire & GFCI Circuit Tester, 3 Indicating Lights
logo
List of Unclassifed Man...
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
M22-DP-R ETC2-M22-DP-R Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
logo
Molex Electronics Ltd.
130127-0003 MOLEX11-130127-0003 Datasheet
39Kb / 1P
Super-Safeway Three Wire & GFCI Circuit Tester, 3 Indicating Lights
1301270003 MOLEX11-1301270003 Datasheet
39Kb / 1P
Super-Safeway Three Wire & GFCI Circuit Tester, 3 Indicating Lights
1301270005 MOLEX11-1301270005 Datasheet
38Kb / 1P
Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Ground Continuity Tester
logo
OSRAM GmbH
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
Pushbuttons and Switches
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
Pushbuttons and Switches
logo
Siemens Semiconductor G...
3SB3 SIEMENS-3SB3 Datasheet
8Mb / 80P
3SB3 Pushbuttons and Indicator Lights, 22 mm
10 - 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com