Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQL360 Datasheet(PDF) 1 Page - Visual Communications Company

Part # SQL360
Description  HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SQL360 Datasheet(HTML) 1 Page - Visual Communications Company

  SQL360 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL
ORDERING CODE :
SQL 360 XXX
POLYCARBONATE,
ECN#
4.
REVISED PER ECR111009AZ01
6.35mm
001
REVISIONS
INITIALS
DATE
.05] square punched hole on .375 [9.5mm]
1.
centers. Panel thickness .063 [1.6mm] to .125 [3.17mm]. Panel hole should be deburred, but
not chamfered.
ASSEMBLY: Insert lens through panel hole, and insert LED into lens.
2.
MATERIAL: Polycarbonate, UL 94-V2
3.
SMU
4-23-10
U.S. & Foreign Pat. Issued & Pend.
UL 94-V2
SEE NOTES
REV.
DESCRIPTION
NOTES:
MOUNTING: Mounts in a
.250 .002 [
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
SMU
4-23-10
4-23-10
SQL 360 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
DZ
HEIGHT FRESNEL LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
WITHOUT THE WRITTEN PERMISSION OF
DRAWING IS THE SOLE PROPERTY OF
FINISH
APPROVAL
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 1:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
2
1
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
DATE
VISUAL COMMUNICATIONS COMPANY, INC.
EDGES .030 MAX
SHEET 1 OF 1
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
REPRODUCTION IN PART OR AS A WHOLE
3
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM SQUARE STANDARD
001
.280
7.11mm
SQ
5.46mm
.215
5.46mm
.125
10.92mm
.430
.250
SQ
6.35mm
ASSEMBLY
PANEL
LENS
DISPLAY
LED


Similar Part No. - SQL360

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SQL100A THINKISEMI-SQL100A Datasheet
187Kb / 1P
50-100A GPP Three Phase Bridge Rectifiers
SQL50A THINKISEMI-SQL50A Datasheet
187Kb / 1P
50-100A GPP Three Phase Bridge Rectifiers
logo
Richco, Inc.
SQLEDS1-4-26 RICHCO-SQLEDS1-4-26 Datasheet
46Kb / 1P
SQUARE LED SPACERS
SQLEDS1-6-26 RICHCO-SQLEDS1-6-26 Datasheet
46Kb / 1P
SQUARE LED SPACERS
SQLEDS1-8-26 RICHCO-SQLEDS1-8-26 Datasheet
46Kb / 1P
SQUARE LED SPACERS
More results

Similar Description - SQL360

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF280RTP VCC-CLF280RTP Datasheet
90Kb / 1P
5MM ROUND STANDARD HEIGHT FRESNEL LENS
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS444RTP VCC-CMS444RTP Datasheet
87Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CLF-280 VCC-CLF-280 Datasheet
90Kb / 1P
HEIGHT FRESNEL LENS 5MM ROUND STANDARD
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
THREADED FRESNEL LENS 5MM ROUND STANDARD
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
SML190 VCC-SML190 Datasheet
81Kb / 1P
HEIGHT FRESNEL LENS 3MM ROUND STANDARD
SMQ250 VCC-SMQ250 Datasheet
75Kb / 1P
PROFILE FRESNEL LENS 3MM SQUARE LOW
SQB400 VCC-SQB400 Datasheet
81Kb / 1P
PROFILE FRESNEL LENS 5MM SQUARE LOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com