Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1206HA15V024T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F1206HA15V024T
Description  1206 High Current Rating Fast Acting Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1206HA15V024T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F1206HA15V024T Datasheet HTML 1Page - List of Unclassifed Manufacturers F1206HA15V024T Datasheet HTML 2Page - List of Unclassifed Manufacturers F1206HA15V024T Datasheet HTML 3Page - List of Unclassifed Manufacturers F1206HA15V024T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. Aug. 11
Website: www.aemchina.com & www.aemcomponents.com
SolidMatrix
® 1206 High Current Rating Fast Acting Surface Mount Fuses
Features:
Special products for high current rating applications
Glass ceramic monolithic structure
Silver fusing element and silver termination with nickel and tin plating
RoHS compliant and lead-free materials
Superior arc suppression capability
High current ratings
Symmetrical design with marking on both sides (optional)
Operating temperature range: -55°C to 125°C (with de-rating)
Ordering Information:
Shape and Dimensions:
SOLDER
FUSE ELEMENT
NICKEL
SILVER
METALLIZATION
0.126± 0.008
(3.20± 0.20)
0.063 ± 0.008
(1.60 ± 0.20)
0.038 ± 0.008
(0.97 ± 0.20)
0.020 ± 0.010
(0.51 ± 0.25)
Recommended Land Pattern:
Marking (Optional): Black Marking Character Code
10 A:Q, 12 A:X, 15 A:Y, 20 A:Z
0.173
(4.40)
0.059
(1.50)
0.071
(1.80)
Inch (mm)
Interrupting Rating:
100 A at rated voltage
Clearing Time Characteristics:
Patents:
U.S. Patent numbers 6,034,589; 6,602,766; 6,844,278; and
other pending patents
% of current rating
Clearing time at 25
oC
100 %
4 hours min.
250 %
5 seconds max.
Part Number
Current Rating
(A)
Voltage Rating
(VDC)
Nominal Cold DCR
( )
1
Nominal I
2t
(A
2s)2
F1206HA10V024T
10
24
0.010
9
F1206HA12V024T
12
24
0.008
14
F1206HA15V024T
15
24
0.005
26
F1206HA20V024T
20
24
0.003
56
1. Measured at
10 % rated current and 25ºC ambient.
2. Melting I
2t at 0.001 second clearing time
Agency Approval: Recognized Under the Components
Program of Underwriters Laboratories. File Number: E232989


Similar Part No. - F1206HA15V024T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1206HB10V024T ETC2-F1206HB10V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB12V024T ETC2-F1206HB12V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB15V024T ETC2-F1206HB15V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB20V024T ETC2-F1206HB20V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB25V024T ETC2-F1206HB25V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
More results

Similar Description - F1206HA15V024T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
Raychem Fast Acting Surface-Mount Fuses
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
AF1206F150TM ETC2-AF1206F150TM Datasheet
357Kb / 8P
1206 Fast Acting Surface Mount Fuses
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
1206 Fast Acting Surface Mount Fuses
F1206HB10V024T ETC2-F1206HB10V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
logo
Eaton All Rights Reserv...
1025HC EATON-1025HC Datasheet
514Kb / 9P
Fast-acting, high current, surface mount ceramic tube fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com