Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC308R2KT Datasheet(PDF) 5 Page - Tyco Electronics

Part # SC308R2KT
Description  Axial Leaded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SC308R2KT Datasheet(HTML) 5 Page - Tyco Electronics

  SC308R2KT Datasheet HTML 1Page - Tyco Electronics SC308R2KT Datasheet HTML 2Page - Tyco Electronics SC308R2KT Datasheet HTML 3Page - Tyco Electronics SC308R2KT Datasheet HTML 4Page - Tyco Electronics SC308R2KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Axial Leaded Power Inductors
Type SC10, SC15, SC30, SC55 Series
Literature No. 1773282
Issued: 10-06
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
SC30
104
K
T
Common Part
Please state code given
in data above
Inductance Value
K - 10%
Tolerance
Packaging
SC10
SC15
SC30
SC55
R - Reeled
T - Ammo Pack
How to Order
Characteristics - Electrical
Type SC55
Inductance
Inductance
Q
Test Freq
S.R.F.
Max. DC
Direct Current
Body
Value (µH)
Code
Min.
MHz
MHz Min.
Resistance
at 85°C
Marking
Ohms
Max. mA
1uH0-K
1uH5-K
2uH2-K
3uH3-K
4uH7-K
6uH8-K
10uH-K
15uH-K
22uH-K
33uH-K
47uH-K
68uH-K
mH10-K
mH15-K
mH22-K
mH33-K
mH47-K
mH68-K
1mH0-K
1R0
1R5
2R2
3R3
4R7
6R8
100
150
220
330
470
680
101
151
221
331
471
681
102
45
65
60
50
50
60
50
55
65
85
70
65
65
80
80
80
80
85
85
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
190.0
155.0
130.0
110.0
95.0
85.0
65.0
55.0
45.0
35.0
20.0
16.0
14.0
9.5
8.0
7.5
6.5
5.0
3.0
0.04
0.05
0.06
0.07
0.12
0.22
0.35
0.60
1.10
2.00
2.50
3.00
4.00
5.80
7.30
12.00
20.00
24.00
30.00
2200
2000
1800
1700
1300
1000
750
600
430
300
270
250
220
230
200
160
120
110
100
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com