Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCM Datasheet(PDF) 1 Page - Visual Communications Company

Part # LPCM
Description  Low Profi le, Panel Flush Light Pipe
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LPCM Datasheet(HTML) 1 Page - Visual Communications Company

  LPCM Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Materials
LPCM (litepipe)
clear optical grade acrylic, UL rating 94-HB
SMD 4 (PCB mount)
nylon, (black) UL rating 94-V2
Installation specification
mounting hole
.173” [4.4mm] min to .183” [4.6mm] max without retaining ring RTN 150
.173” [4.4mm] min to .200” [5.1mm] max with retaining ring RTN 150
panel thickness
MAX : DIM A - .300” [7.62mm]
LPCM lightpipe
ordering code (example)
LPCM XXX CTP
XXX = length in inches
Standard sizes*
030
040
050
060
070
080
090
100
110
120
LITEPIPE ORDERING CALCULATIONS:
DIM A - DIM B (.200” [5.1mm]) = MIN LIGHTPIPE LENGTH
DIM A - DIM C (.100” [2.5mm]) = MAX LIGHTPIPE LENGTH
Low Profile, Panel Flush
Light Pipe
Light pipe transmits from SMD LED to the front of a panel
www.vcclite.com
1.800.522.5546
engineered to light up your design
Key features
Product specifications
Applications
Ordering data
• security cameras
• entertainment systems
• telephone systems
• panel and cabinet illumination
• medical devices
• allows easy panel removal
• low profile, panel flush design blends in until light is
emitted
• mates to any PCB using SMD 4 (sold separately)
• optical grade acrylic for maximum light transmission
• efficient production assembly
• available in standard lengths of .300” to 1.20”
• custom lengths available upon request
• RoHS compliant
(Min 030 =. 300”) (Max 120 = 1.20”)
*Custom Lengths Available Upon Request


Similar Part No. - LPCM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
Mobile Mobile Phones PDA Portable Radio Portable Satellite
logo
Stackpole Electronics, ...
LPCMT1R0 SEI-LPCMT1R0 Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LPCMT1R2 SEI-LPCMT1R2 Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LPCMT1R4 SEI-LPCMT1R4 Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LPCMT1R5 SEI-LPCMT1R5 Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
More results

Similar Description - LPCM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-JD30-ALN01 AVAGO-ASMT-JD30-ALN01 Datasheet
241Kb / 16P
3W Mini Power LED Light Source Small footprint and low profi le
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
Low profi le provides compatibility with DIPs
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
11 mm Low Profi le Encoder
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
PTE Series Low Profi le Slide Potentiometer
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
High Current, Low Profi le for Inverter Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com