Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT337SH-T Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT337SH-T
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT337SH-T Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT337SH-T Datasheet HTML 1Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 2Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 3Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 4Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 5Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 6Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 7Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 8Page - Active-Semi, Inc ACT337SH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACT337
Rev 2, 14-Nov-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT337SH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
ACT337SH
PIN
NAME
DESCRIPTION
SOP-8
1
SW
Switch Drive. Switch node for the external NPN transistor. Connect this pin to the external
power NPN’s emitter. This pin also supplies current to VDD during startup.
2,4,7
GND
Ground(2,4 and 7 pin must be connected together).
8
BD
Base Drive. Base driver for the external NPN transistor.
6
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state
operation.
5
FB
Feedback Pin. Connect this pin to a resistor divider network from the auxiliary winding.
3
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set
peak current limit for the primary switch. The peak current limit is set by (0.396V × 0.9) /
RCS. For more detailed information, see Application Information.
ORDERING INFORMATION
SOP-8
ACT337SH
Rev 2, 14-Nov-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com