Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT410 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT410
Description  ActivePSRTM Quasi-Resonant PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT410 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT410 Datasheet HTML 5Page - Active-Semi, Inc ACT410 Datasheet HTML 6Page - Active-Semi, Inc ACT410 Datasheet HTML 7Page - Active-Semi, Inc ACT410 Datasheet HTML 8Page - Active-Semi, Inc ACT410 Datasheet HTML 9Page - Active-Semi, Inc ACT410 Datasheet HTML 10Page - Active-Semi, Inc ACT410 Datasheet HTML 11Page - Active-Semi, Inc ACT410 Datasheet HTML 12Page - Active-Semi, Inc ACT410 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ACT410
Rev 3, 27-Feb-14
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
FB Over Voltage Protection
The
ACT410
includes
output
over-voltage
protection circuitry, which shuts down the IC when
the output voltage is 40% above the normal
regulation voltage 4 consecutive switching cycles.
The ACT410 enters hiccup mode when an output
over voltage fault is detected.
VDD Over Voltage Protection
ACT410 can monitor the converter output voltage.
The voltage generated by the auxiliary winding
tracks converter’s output voltage through VDD,
which is in proportion to the turn ratio (VOUT+VDIODE)
хNA/NS. When the VOUT is abnormally higher than
design value for four consecutive cycles, IC will
enter the restart process. A counter is used to
reduce sensitivity to noise and prevent the auto
start unnecessary.
Open Loop Protection
ACT410 is able to protect itself from damage when
the control loop is open. The typical open loop
condition includes either VFB floating or RFB5
open.
Over Temperature Shutdown
The thermal shutdown circuitry detects the ACT410
die temperature. The threshold is set at typical
135˚C. When the die temperature rises above this
threshold (135˚C) the ACT410 is disabled and
remains disabled until the die temperature falls
below 115˚C, at which point the ACT410 is re-
enabled.
TYPICAL APPLICATION CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com