Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP722 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # SP722
Description  RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SP722 Datasheet(HTML) 1 Page - Polyfet RF Devices

  SP722 Datasheet HTML 1Page - Polyfet RF Devices SP722 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
Single Ended
AP
110.0
7.0
90.0
1.40 C/W
36
2.6
19.00
2.0
55
0.35
5.50
11.0
110
0.20
36
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.40
40.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
400
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
400
400
Common Source Input Capacitance
36
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
25
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
20.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
12.5
A, Vds =
V, F =
A, Vds =
V, F =
12.5
12.5
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
20.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
12.5
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet"
process features
low feedback and output capacitances,
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
VDMOS
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
REVISION 10/01/2007
20
25 C )
WATTS OUTPUT )
200
polyfet rf devices
SP722
20:1
ROHS COMPLIANT


Similar Part No. - SP722

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
TVS Diode Arrays
logo
DB Unlimited.
SP720308-1 DBUNLIMITED-SP720308-1 Datasheet
562Kb / 1P
Released from Engineering
logo
Harris Corporation
SP720AB HARRIS-SP720AB Datasheet
206Kb / 6P
Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720AB LITTELFUSE-SP720AB Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
More results

Similar Description - SP722

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P124 POLYFET-P124_14 Datasheet
39Kb / 2P
RF POWER VDMOS TRANSISTOR
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
RF POWER VDMOS TRANSISTOR
SD703 POLYFET-SD703_14 Datasheet
62Kb / 2P
RF POWER VDMOS TRANSISTOR
SM401 POLYFET-SM401_14 Datasheet
64Kb / 2P
RF POWER VDMOS TRANSISTOR
SM705 POLYFET-SM705_14 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
SP721 POLYFET-SP721 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
SP741 POLYFET-SP741_14 Datasheet
39Kb / 2P
RF POWER VDMOS TRANSISTOR
SQ742 POLYFET-SQ742_14 Datasheet
41Kb / 2P
RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U_14 Datasheet
62Kb / 2P
RF POWER VDMOS TRANSISTOR
SR706 POLYFET-SR706_14 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com