Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC238B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC238B
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC238B Datasheet(HTML) 2 Page - Continental Device India Limited

  BC238B Datasheet HTML 1Page - Continental Device India Limited BC238B Datasheet HTML 2Page - Continental Device India Limited BC238B Datasheet HTML 3Page - Continental Device India Limited BC238B Datasheet HTML 4Page - Continental Device India Limited BC238B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC237,238, A,B,C
BC239, B,C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
DC Current Gain
hFE
IC=10µA, VCE=5V
A
B
C
IC=2mA, VCE=5V
BC237/238/239
120
A
120
B
200
C
380
*IC=100mA, VCE=5V
A
B
C
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
*IC=100mA, IB=5mA
BC237/239
BC238
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=0.5mA
*IC=100mA, IB=5mA
Base Emitter On Voltage
VBE (on)
IC=2mA, VCE=5V
0.55
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
Transistors Frequency
fT
IC=0.5mA, VCE=3V, f=100MHz
BC237
BC238
BC239
IC=10mA, VCE=5V, f=100MHz
150
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
Emitter Input Capacitance
Cib
VEB=0.5V, f=1MHz
Noise Figure
NF
VCE=5V, IC=0.2mA, RS=2KΩ,
f=1KHz, B=200Hz
BC237/238
BC239
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
BC237_239Rev_1 201205E
TYP300
TYP270
800
220
460
800
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
V
V
0.83
TYP120
0.20
1.05
UNITS
0.60
TYP180
MHz
MHz
MHz
TYP120
TYP100
TYP140
MAX
UNITS
4.0
10
dB
dB
0.80
V
V
TYP150
V
V
MAX
TYP90
0.70
pF
MHz
4.5
pF
TYP8
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com