Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC177C Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC177C
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC177C Datasheet(HTML) 2 Page - Continental Device India Limited

  BC177C Datasheet HTML 1Page - Continental Device India Limited BC177C Datasheet HTML 2Page - Continental Device India Limited BC177C Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BC177XX
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Knee Voltage
VCE (K)
IC=10mA, IB=The Value for
-
0.60
V
Which IC=11mA, @ VCE=1V
Transition Frequency
ft
VCE=5V,IC=10mA, f=50MHz
200
-
MHZ
Noise Figure
NF
VCE=5V, IC=0.2mA
Rg=2kohms,
F=30Hz to 15 KHz
BC179
-4.0
dB
F=1kHz, F=200Hz
BC179
-4.0
dB
BC177/178
-10
dB
Output Capacitance
Cobo
VCB=10V, f=1MHz
-
4.0
pF
ALL f=1kHz
Small Signal Current Gain
hfe
IC=2mA,VCE=5V
BC177
125
500
BC178
125
900
BC179
240
900
A Group
125
260
B Group
240
500
C Group
450
900
Input Impedance
hie
IC=2mA,VCE=5V
A Group
1.6
4.5
Kohms
B Group
3.2
8.5
Kohms
C Group
6.0
15
Kohms
Output Admittance
hoe
IC=2mA,VCE=5V
A Group
-
30
umhos
B Group
-
60
umhos
C Group
-
110
umhos
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com