Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC109 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC109
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC109 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC109 Datasheet HTML 1Page - Continental Device India Limited BC109 Datasheet HTML 2Page - Continental Device India Limited BC109 Datasheet HTML 3Page - Continental Device India Limited BC109 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BC107/A/B/C
BC108/A/B/C
BC109/A/B/C
TO-18
Metal Can Package
Low Noise General Purpose Audio Amplifiers
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BC107
BC108
UNIT
Collector Emitter Voltage
VCEO
45
25
V
Collector Base Voltage
VCBO
50
30
V
Emitter Base Voltage
VEBO
6.0
5.0
V
Collector Current Continuous
IC
200
mA
Power Dissipation at Ta=25ºC
PD
300
mW
Derate above 25ºC
1.72
mW/ ºC
Power Dissipation at Tc=25ºC
PD
750
mW
Derate above 25ºC
4.29
mW/ ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
- 65 to +200
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
BC107
BC108
BC109
UNIT
Collector Emitter Voltage
VCEO
IC=2mA, IB=0
>45
>25
>25
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>6
>5
>5
V
Collector Cut Off Current
ICBO
VCB=45V, IE=0
<15
nA
VCB=25V, IE=0
<15
<15
nA
VCB=45V, IE=0, Ta=125ºC
<4
µA
VCB=25V, IE=0, Ta=125ºC
<4
<4
µA
DC Current Gain
hFE
IC=10µA, VCE=5V
B Group
C Group
IC=2mA, VCE=5V
BC107
BC108
BC109
A Group
B Group
C Group
BC107_109Rev_3 231202E
BC109
25
30
5.0
583
233
110-450
110-800
>40
>100
200-800
110-220
200-450
420-800
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
49Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Seme LAB
BC109 SEME-LAB-BC109 Datasheet
14Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC109 SIEMENS-BC109 Datasheet
263Kb / 8P
npn sisicon transistor
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Micro Electronics
BC109 MICRO-ELECTRONICS-BC109 Datasheet
228Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC109

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com