Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV100 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAV100
Description  HIGH SPEED SILICON DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV100 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAV100 Datasheet HTML 1Page - Continental Device India Limited BAV100 Datasheet HTML 2Page - Continental Device India Limited BAV100 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SILICON DIODES
BAV100, BAV101
BAV102, BAV103
SOD - 80C
Mini MELF (LL- 34 )
Polarity: Cathode is indicated by a white band
Hermetically Sealed, Glass Silicon Diodes
Intended for Switching and General Purposes in Industrial Equipment e.g. Oscilloscopes,
Digital Voltmeters and Video Output Stages in Colour Television
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BAV100
BAV101
BAV102
BAV103
UNIT
Continuous Reverse Voltage
VR
50
100
150
200
V
Repetitive Peak Reverse Voltage
VRRM
60
120
200
250
V
Average Rectified Forward Current
IF (AV)
250
mA
Forward Current (DC)
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non Repetitive Peak Forward Current t=1 s
IFSM
1
A
t=1
µµs
IFSM
5
A
Power Dissipation up to Ta=25ºC
Ptot
400
mW
Storage Temperature
Tstg
- 65 to +175
ºC
Junction Temperature
Tj
175
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
0.375
K/mW
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Forward Voltage
VF
IF=100mA
1.00
V
IF=200mA
1.25
V
Reverse Breakdown Voltage
*VBR
IR=100µA
BAV100
60
V
BAV101
120
V
BAV102
200
V
BAV103
250
V
Reverse Current
IR
VR= VR max
100
nA
VR= VR max, Tj=150ºC
100
µA
Differential Resistance
rdiff
IF=10mA
Ω
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
5
pF
Reverse Recovery Time
trr
IF=30mA, to IR=30mA
50
ns
RL=100 Ω
Measured @ IR=3mA
.
* @ Zero life time, measured under pulse conditions to avoid excessive dissipation and voltage limited @ 275V
Typ 5
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
BAV100_103Rev141002E


Similar Part No. - BAV100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
General Semiconductor
BAV100 GE-BAV100 Datasheet
144Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
Ultrafast silicon rectifier diodes
More results

Similar Description - BAV100

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL458A CDIL-CLL458A Datasheet
323Kb / 3P
HIGH SPEED SILICON DIODES
logo
TRANSYS Electronics Lim...
BAS19 TEL-BAS19 Datasheet
104Kb / 3P
SILICON PLANAR HIGH SPEED DIODES
LL458A TEL-LL458A Datasheet
151Kb / 2P
HIGH SPEED SILICON DIODES
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
CLL4150 CDIL-CLL4150 Datasheet
284Kb / 3P
HIGH SPEED SILICON DIODES
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com