Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAV74
Description  SILICON PLANAR DUAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV74 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAV74 Datasheet HTML 1Page - Continental Device India Limited BAV74 Datasheet HTML 2Page - Continental Device India Limited BAV74 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR DUAL SWITCHING DIODE.
BAV74
SOT-23
Formed SMD Package
Marking
BAV74 - A5
High-Speed Switching Dual Diodes, Common Cathode
ABSOLUTE MAXIMUM RATINGS (Rating Per Diode)
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Continuous Reverse Voltage
VR
V
Forward Current (DC)
*IF
Single Diode Loaded
mA
Double Diode Loaded
mA
Repetitive Peak Forward Current
IFRM
mA
Non Repetitive Peak Forward Current
t=1
µµs
IFSM
A
t=1ms
A
t=1s
A
Power Dissipation up to Ta=25ºC
*PD
mW
Storage Temperature
Tstg
ºC
Junction Temperature
Tj
ºC
THERMAL RESISTANCE
Junction to tie-point
Rth (j-tp)
K/W
Junction to Ambient in free air
*Rth (j-a)
K/W
*Mounted on an FR4 printed circuit board
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise) per diode
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Forward Voltage
VF
IF = 1mA
mV
IF = 10mA
mV
IF = 100mA
V
IF = 150mA
V
Reverse Current
IR
VR=25V
nA
VR=50V
µ
A
VR=25V, Ta=150ºC
µ
A
VR=50V, Ta=150ºC
µ
A
Diode Capacitance
Cd
VR=0V, f=1MHz
pF
Reverse Recovery Time
trr
When switched from
IF=10mA, to IR=10mA,
IR=1mA, RL=100Ω
ns
Forward Recovery Voltage
Vfr
When switched from
IF=10mA, to tr=20ns
V
BAV74 Rev_1 090803E
215
125
1.0
360
450
- 55 to +150
VALUE
1.25
250
4.0
50
60
100
500
4.0
715
855
MAX
0.5
150
1.75
1.0
0.1
30
2.0
30
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BAL99 FORMOSA-BAL99 Datasheet
100Kb / 2P
Dual Series Switching Diode - Silicon epitaxial planar type
logo
Continental Device Indi...
CMBD226 CDIL-CMBD226 Datasheet
121Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODE
CMBD4448 CDIL-CMBD4448 Datasheet
124Kb / 3P
SILICON PLANAR SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99 TEL-BAL99 Datasheet
94Kb / 2P
SILICON PLANAR SWITCHING DIODE
BAS16 TEL-BAS16 Datasheet
103Kb / 2P
SILICON PLANAR SWITCHING DIODE
BAV74 TEL-BAV74 Datasheet
150Kb / 2P
SILICON PLANAR DUAL SWITCHING DIODE.
logo
SEMTECH ELECTRONICS LTD...
BAV74 SEMTECH_ELEC-BAV74 Datasheet
180Kb / 2P
SILICON PLANAR DUAL SWITCHING DIODE
logo
Continental Device Indi...
BAS116 CDIL-BAS116 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAS16 CDIL-BAS16 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAL99 CDIL-BAL99 Datasheet
195Kb / 3P
SILICON PLANAR SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com