Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT54WS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT54WS Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT54WS Datasheet HTML 1Page - Continental Device India Limited BAT54WS Datasheet HTML 2Page - Continental Device India Limited BAT54WS Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54WS
SOD-323
PLASTIC PACKAGE
Marking
BAT54WS= L4 with cathode band
ABSOLUTE MAXIMUM RATINGS
Ratings at Ta= 25
oC Ambient Temperature unless otherwise specified, For Capacitive Load, Derate Current by 20%
DESCRIPTION
SYMBOL
UNIT
VRRM
V
IO
A
Peak Forward Surge Current, 1.0s
IFSM
A
Tj, Tstg
ºC
THERMAL RESISTANCE
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS
Ratings at Ta= 25
oC Ambient Temperature unless otherwise specified, For Capacitive Load, Derate Above 20%
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Forward Voltage
VF
0.32
V
1.0
V
Reverse Current
IR
2.0
µA
DYNAMIC CHARACTERISTICS
Junction Capacitance
Cj
VR=1V, f=1MHz
10
pF
BAT54WSRev030505E
VALUE
30
0.6
- 55 to + 125
Junction to Ambient in free air
TEST CONDITION
IF=1mA
VR=25V
IF=100mA
500
Operating Junction and Storage Temperature
Range
Non Repetitive Peak Reverse Voltage
Maximum Average Forward Current @ Ta=75 ºC
0.2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com