Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BAT54
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT54 Datasheet(HTML) 3 Page - Continental Device India Limited

  BAT54 Datasheet HTML 1Page - Continental Device India Limited BAT54 Datasheet HTML 2Page - Continental Device India Limited BAT54 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT54Rev_1 071105E
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for
application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to
confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web
Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete
information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product;
neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life
saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 3 of 3
Customer Notes
SOT-23 T&R
3K/reel
10K/reel
136 gm/3K pcs
415 gm/10K pcs
3" x 7.5" x 7.5"
9" x 9" x 9"
13" x 13" x 0.5"
12.0K
51.0K
10.0K
17" x 15" x 13.5"
19" x 19" x 19"
17" x 15" x 13.5"
192.0K
408.0K
300.0K
12 kgs
28 kgs
16 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please
dispose as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and
Electronic Equipment (WEEE).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com