Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42WS Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT42WS
Description  SILICON PLANAR SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT42WS Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT42WS Datasheet HTML 1Page - Continental Device India Limited BAT42WS Datasheet HTML 2Page - Continental Device India Limited BAT42WS Datasheet HTML 3Page - Continental Device India Limited BAT42WS Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR SCHOTTKY BARRIER DIODES
BAT42WS/BAT43WS
SOD-323
PLASTIC PCAKAGE
Marking Codes: BAT42WS= X9 with cathode band
BAT43WS= Y9 with cathode band
Low Forward Voltage Drop and Fast Switching
ABSOLUTE MAXIMUM RATINGS
(Ta=25ºC)
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Reverse Voltage
VR
V
Average Rectified Output Current
IO
mA
Forward Continuous Current
IFM
mA
Repetitive Peak Forward Current at t < 1s
IFRM
mA
Non Repetitive Peak Forward Surge Forward
Current at t < 10ms
IFSM
A
Power Dissipation
PD
mW
Junction Temperature
Tj
oC
Storage Temperature Range
Tstg
oC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
oC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Reverse Breakdown Voltage
V(BR)R
IR=100µA
30
V
Reverse Current
IR
VR=25V
nA
Forward Voltage
VF
IF=200mA
V
IF=10mA
BAT42WS
V
IF=50mA
BAT42WS
V
IF=2mA
BAT43WS
0.26
V
IF=15mA
BAT43WS
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Total Capacitance
CT
VR=1V, f=1MHz
pF
Reverse Recovery Time
trr
at IF= IR=10mA, IRR=0.1 X IR,
RL=100Ω
ns
BAT42WS_43WS Rev020310E
1.0
- 55 to +125
500
MAX
0.40
0.65
0.33
0.45
VALUE
30
200
2.0
500
200
625
- 55 to +125
30
100
10
5
MAX
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT42WS WTE-BAT42WS Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Jiangsu Changjiang Elec...
BAT42WS JIANGSU-BAT42WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT42WS WEITRON-BAT42WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SD032 PANASONIC-MA2SD032 Datasheet
78Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA27D30 PANASONIC-MA27D30 Datasheet
84Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA4ZD03 PANASONIC-MA4ZD03 Datasheet
82Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
logo
SEMTECH ELECTRONICS LTD...
LL700 SEMTECH_ELEC-LL700 Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
RB441Q-40 SEMTECH_ELEC-RB441Q-40 Datasheet
133Kb / 2P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com